Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51113 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 3 Page - Texas Instruments

  TPS51113 Datasheet HTML 1Page - Texas Instruments TPS51113 Datasheet HTML 2Page - Texas Instruments TPS51113 Datasheet HTML 3Page - Texas Instruments TPS51113 Datasheet HTML 4Page - Texas Instruments TPS51113 Datasheet HTML 5Page - Texas Instruments TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
RθJA HIGH-K BOARD
(1)
POWER RATING (W)
POWER RATING (W)
PACKAGE
AIRFLOW (LFM)
(°C/W)
TA = 25°C
TA = 85°C
0 (natural convection)
47.9
2.08
0.835
DRC
200
40.5
2.46
0.987
400
38.2
2.61
1.04
(1)
Ratings based on JEDEC High Thermal Conductivity (High K) Board. For more information on the test method, see TI Technical Brief
(SZZA017).
(unless otherwise noted, all voltages are with respect to GND)
MIN
TYP
MAX
UNIT
VDD
–0.1
13.2
BOOT
–0.1
28.0
BOOT, to SW (negative overshoot –5 V for t < 25 ns,
–3.0
13.2
Supply voltages
125 V × ns/t for 25 ns < t< 100 ns)
V
BOOT, (negative overshoot –5 V for t < 25 ns,
–3.0
35.0
125 V × ns/t for 25 ns < t < 100 ns)
All other pins
–0.1
3.0
SW
–0.1
20.0
SW, (negative overshoot –5 V for t < 25 ns,
–3.0
28.0
125 V × ns/t for 25 ns < t < 100 ns)
HDRV
–0.1
28.0
HDRV to SW (negative overshoot –5 V for t < 25 ns,
–3.0
13.2
125 V × ns/t for 25 ns < t< 100 ns)
Output voltages
HDRV (negative overshoot –5 V for t < 25 ns,
V
–3.0
35.0
125 V × ns/t for 25 ns < t < 100 ns)
LDRV_OC
–0.1
13.2
LDRV_OC (negative overshoot –5 V for t < 25 ns,
–3.0
13.2
125 V × ns/t for 25 ns < t < 100 ns)
PGOOD
–0.1
13.2
All other pins
–0.1
3.0
TA
Operating ambient temperature
–40
85
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com