Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51113 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 13Page - Texas Instruments TPS51113 Datasheet HTML 14Page - Texas Instruments TPS51113 Datasheet HTML 15Page - Texas Instruments TPS51113 Datasheet HTML 16Page - Texas Instruments TPS51113 Datasheet HTML 17Page - Texas Instruments TPS51113 Datasheet HTML 18Page - Texas Instruments TPS51113 Datasheet HTML 19Page - Texas Instruments TPS51113 Datasheet HTML 20Page - Texas Instruments TPS51113 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
1
2
3
4
10
9
8
7
PGOOD
VOS
FB
COMP_EN
BOOT
SW
HDRV
LDRV_OC
TPS51113
5
6
VDD
GND
11
R6
47 k
W
C4
1
mF
R4
10 k
W
R1
2 k
W
R3
130
W
C3
8.2 nF
D1
MBR0530Tx
C5
0.1
mF
V
OUT
C2
3.9 nF
R2
2.7 k
W
C1
22 nF
Enable
R5
10 k
W
R
BIAS
2 k
W
R
OC
7 k
W
L1
1.5
mH
V
IN
Q2
BSC079N03S
C6
470
mF
C7
47
mF
–
+
UDG-08107
Q1
BSC079N03S
V
OUT
Choosing the Inductor
(
)
f
IN
O
O
IN
RIPPLE
SW
V
V
V
L
1.534 H
V
I
-
´
=
=
m
´
´
Calculating Output Capacitance
( ) ( )
(
)
( ) ( )
2
2
OH
OL
OUT
2
2
f
i
L
I
I
C
279 F
V
V
´
-
=
=
m
-
(29)
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
Figure 9. Design Example, 12 V to 1.6 V/10 A DC-DC Converter
Typically the peak-to-peak inductor current
ΔI is selected to be approximately between 20% and 40% of the rated
output current. In this design, IRIPPLE is targeted at around 30% of the load current. Using Equation 2.
Therefore, an inductor value of 1.5
µH is selected in practical, and the inductor ripple current is 3.08 A.
Minimum capacitance value can be calculated according to the demand of the load transient response.
Considering 0-A to 10-A step load and 10% overshoot and undershoot, the output capacitance value can be
estimated by using Equation 6,
A 470-
µF POS-CAP with 18-mΩ ESR and a 47-µF ceramic capacitor are paralleled for the output capacitor.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com