Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51113 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 15Page - Texas Instruments TPS51113 Datasheet HTML 16Page - Texas Instruments TPS51113 Datasheet HTML 17Page - Texas Instruments TPS51113 Datasheet HTML 18Page - Texas Instruments TPS51113 Datasheet HTML 19Page - Texas Instruments TPS51113 Datasheet HTML 20Page - Texas Instruments TPS51113 Datasheet HTML 21Page - Texas Instruments TPS51113 Datasheet HTML 22Page - Texas Instruments TPS51113 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
UDG-08110
+
COMP
C1
22 nF
R2
2.7 k
W
C2
3.9 nF
R
BIAS
2 k
W
C3
8.2 nF
R3
130
W
R1
V
REF
V
OUT
FB
( )
(
)
(
)
(
)
(
)
(
)
2
1
1
3
3
2
1
2
1
1
2
3
3
1
2
sR C
1
s R
R
C
1
G s
R C C
sR
C
C
s
1
sR C
1
C
C
+
´
+
+
=
æ
ö
æ
ö
+
´
+
´
+
ç
÷
ç
÷
ç
÷
+
è
ø
è
ø
(36)
Z1
2
1
1
f
2.7 kHz
2
R
C
=
=
p ´
´
(37)
(
)
Z2
1
3
3
1
f
9.2kHz
2
R
R
C
=
=
p ´
+
´
(38)
(
)
(
)
P1
1
2
2
1
2
1
f
17.8 kHz
C
C
2
R
C
C
=
=
æ
ö
´
p ´
´ ç
÷
ç
÷
+
è
ø
(39)
P2
3
3
1
f
149.4 kHz
2
R
C
=
=
p ´
´
(40)
(
)
C
1
1
2
1
f
3.1kHz
2
R
C
C
=
=
p ´
´
+
(41)
1
BIAS
O
0.8
R
R
2k
V
0.8
´
=
=
W
-
(42)
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
Figure 10 shows the detailed parameters used for the Type III compensation. Also, poles and zeros for the Type
III network are derived based on Equation 22 through Equation 26.
Figure 10. Parameters for Type III Compensation Network
fP1 is used to cancel the ESR zero. fP2 is placed at higher frequency to attenuate the high-frequency noise and
the switching ripple. fZ1 is lower than resonant frequency f0.
The value of RBIAS is calculated to set the output voltage VOUT by using Equation 27.
Based on Equation 42 and the power stage parameters, the bode-plot by simulation is shown in Figure 10
(VIN=12 V and IOUT=0 A). The achieved cross-over frequency is approximately 35.7 kHz, and the phase margin is
approximately 60°.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com