Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51113 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS51113 Datasheet HTML 14Page - Texas Instruments TPS51113 Datasheet HTML 15Page - Texas Instruments TPS51113 Datasheet HTML 16Page - Texas Instruments TPS51113 Datasheet HTML 17Page - Texas Instruments TPS51113 Datasheet HTML 18Page - Texas Instruments TPS51113 Datasheet HTML 19Page - Texas Instruments TPS51113 Datasheet HTML 20Page - Texas Instruments TPS51113 Datasheet HTML 21Page - Texas Instruments TPS51113 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Input Capacitor Selection
( )
( )
f
IN
OUT
OUT
IN min
IN
SW
RIPPLE C
I
V
C
44 F
V
V
´
=
=
m
´
´
(30)
(
)
(
)
IN
IN
RIPPLE ESR _ C
C
OUT
RIPPLE
V
ESR
4.3 m
I
I
2
=
=
W
æ
ö
+
ç
÷
ç
÷
è
ø
(31)
Choosing MOSFETS
High-Side MOSFET Power Loss
(
)
( )
f
2
D1
S1
D2
S2
HFET _ Loss
COND1
SW1
RMS1
IN
SW
DS on 1
I
t
I
t
P
P
P
I
R
V
649 mW
6
2
´
´
æ
ö
=
+
=
´
+
´
+
´
=
ç
÷
è
ø
(32)
Synchronous Rectifier MOSFET Power Loss
( )
f
f
2
SR _ Loss
COND2
COND3
RR
RMS2
O
F
D
SW
RR
IN
SW
DS on 2
1
P
P
P
P
I
R
I
V
t
Q
V
382mW
2
=
+
+
=
´
+
´
´
´
+ ´
´
´
=
é
ù
ë
û
Feedback Loop Compensation
0
OUT
1
f
6.0 kHz
2
L
C
=
=
p ´
´
(34)
Z
OUT
1
f
18.8 kHz
2
ESR
C
=
=
p ´
´
(35)
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
Considering 100 mV VRIPPLE(Cin) and 50 mV VRIPPLE(ESR_Cin), the input capacitance value and ESR value can be
calculated according to Equation 7 and Equation 8, respectively.
Therefore, two 22-
µF ceramic capacitors with 2-mΩ ESR can meet this requirement.
BSC079N03S is used for the high-side MOSFET. The on-resistance, RDS(on)1 is 7.9 mΩ. MOSFET switching-on
time (ts1) and switching-off time (ts2) are approximately 9 ns and 24 ns, respectively. By using Equation 9 through
Equation 13, the total power loss of the high-side MOSFET is estimated.
BSC032N03S is used for the synchronous rectifier MOSFET. The on-resistance, RDS(on)1 is 3.2 mΩ. The body
diode has a 0.84-V diode forward voltage and 15-nC reverse recovery charge. The output driver deadtime is 30
ns. By using Equation 14 through Equation 18, the total power loss of the synchronous MOSFET is estimated,
(33)
Since TPS51113 and TPS51163 utilize voltage-mode control for buck converters, Type III network is
recommended for loop compensation. The converter utilizes a 1.5-
µH inductor and 470-µF capacitor with 18-mΩ
ESR. The double pole, determined by the L, and COUT of the buck converter, is derived by Equation 19
Also, the ESR zero of the buck converter can be achieved by using Equation 20.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com