Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216DC01PR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 9Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 10Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 11Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 12Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 13Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 14Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11/43
XC6216/XE6216
Series
E-0
E-1
E-2
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
OUTPUT VOLTAGE
(V)
2% ACCURACY
OUTPUT VOLTAGE
(V)
1% ACCURACY
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
5.0
4.900
5.100
4.950
5.050
190
280
1000
1300
5.1
4.998
5.202
5.049
5.151
190
280
1000
1300
5.2
5.096
5.304
5.148
5.252
190
280
1000
1300
5.3
5.194
5.406
5.247
5.353
190
280
1000
1300
5.4
5.292
5.508
5.346
5.454
190
280
1000
1300
5.5
5.390
5.610
5.445
5.555
190
280
1000
1300
5.6
5.488
5.712
5.544
5.656
190
280
1000
1300
5.7
5.586
5.814
5.643
5.757
190
280
1000
1300
5.8
5.684
5.916
5.742
5.916
190
280
1000
1300
5.9
5.782
6.018
5.841
5.959
190
280
1000
1300
6.0
5.880
6.120
5.940
6.060
190
280
1000
1300
6.1
5.978
6.222
6.039
6.161
190
280
1000
1300
6.2
6.076
6.324
6.138
6.262
190
280
1000
1300
6.3
6.174
6.426
6.237
6.363
190
280
1000
1300
6.4
6.272
6.528
6.336
6.464
190
280
1000
1300
6.5
6.370
6.630
6.435
6.565
170
230
800
1150
6.6
6.468
6.732
6.534
6.666
170
230
800
1150
6.7
6.566
6.834
6.633
6.767
170
230
800
1150
6.8
6.664
6.936
6.732
6.868
170
230
800
1150
6.9
6.762
7.038
6.831
6.969
170
230
800
1150
7.0
6.860
7.140
6.930
7.070
170
230
800
1150
7.1
6.958
7.242
7.029
7.171
170
230
800
1150
7.2
7.056
7.344
7.128
7.272
170
230
800
1150
7.3
7.154
7.446
7.227
7.373
170
230
800
1150
7.4
7.252
7.548
7.326
7.474
170
230
800
1150
7.5
7.350
7.650
7.425
7.575
170
230
800
1150
7.6
7.448
7.752
7.524
7.676
170
230
800
1150
7.7
7.546
7.854
7.623
7.777
170
230
800
1150
7.8
7.644
7.956
7.722
7.878
170
230
800
1150
7.9
7.742
8.058
7.821
7.979
170
230
800
1150
8.0
7.840
8.160
7.920
8.080
170
230
800
1150
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com