Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216DC01PR Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 12Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 13Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 14Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 15Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 16Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 17Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 18Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 19Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
16/43
XC6216/XE6216 Series
SYMBOL
E-0-1
E-0-2
Temperature
/Ta
25℃
-40~85℃
PARAMETER
NOMINAL
OUTPUT
VOLTAGE
OUTPUT VOLTAGE (V)
Accuracy ±2%
OUTPUT VOLTAGE (V)
Accuracy +3% , -3.5%
VOUT
VOUT
VOUT(T)
(V)
MIN.
MAX.
MIN.
MAX.
8.0
7.840
8.160
7.720
8.240
8.1
7.938
8.262
7.816
8.343
8.2
8.036
8.364
7.913
8.446
8.3
8.134
8.466
8.009
8.549
8.4
8.232
8.568
8.106
8.652
8.5
8.330
8.670
8.202
8.755
8.6
8.428
8.772
8.299
8.858
8.7
8.526
8.874
8.395
8.961
8.8
8.624
8.976
8.492
9.064
8.9
8.722
9.078
8.588
9.167
9.0
8.820
9.180
8.685
9.270
9.1
8.918
9.282
8.781
9.373
9.2
9.016
9.384
8.878
9.476
9.3
9.114
9.486
8.974
9.579
9.4
9.212
9.588
9.071
9.682
9.5
9.310
9.690
9.167
9.785
9.6
9.408
9.792
9.264
9.888
9.7
9.506
9.894
9.360
9.991
9.8
9.604
9.996
9.457
10.094
9.9
9.702
10.098
9.553
10.197
10.0
9.800
10.200
9.650
10.300
10.1
9.898
10.302
9.747
10.403
10.2
9.996
10.404
9.843
10.506
10.3
10.094
10.506
9.940
10.609
10.4
10.192
10.608
10.036
10.712
10.5
10.290
10.710
10.133
10.815
10.6
10.388
10.812
10.229
10.918
10.7
10.486
10.914
10.326
11.021
10.8
10.584
11.016
10.422
11.124
10.9
10.682
11.118
10.519
11.227
11.0
10.780
11.220
10.615
11.330
11.1
10.878
11.322
10.712
11.433
11.2
10.976
11.424
10.808
11.536
11.3
11.074
11.526
10.905
11.639
11.4
11.172
11.628
11.001
11.742
11.5
11.270
11.730
11.098
11.845
11.6
11.368
11.832
11.194
11.948
11.7
11.466
11.934
11.291
12.051
11.8
11.564
12.036
11.387
12.154
11.9
11.662
12.138
11.484
12.257
12.0
11.760
12.240
11.580
12.360
■
ELECTRICAL CHARACTERISTICS (Continued)
●
Voltage Chart 2 (XE6216 Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com