Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216DC01PR Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 16Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 17Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 18Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 19Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 20Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 21Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 22Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 23Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 24Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
20/43
XC6216/XE6216 Series
■
OPERATIONAL EXPLANATION
<Short-Circuit Protection>
The XC6216/XE6216 series includes a current fold-back circuit as a short circuit protection. When the load current reaches
the current limit level, the current fold-back circuit operates and output voltage drops. The output voltage drops further and
output current decreases. When the output pin is shorted, a current of about 30mA flows.
<CE Pin>
The IC’s internal circuitry can be shutdown via the signal from the CE pin with the XC6216/XE6216 series. In shutdown
mode, output at the VOUT pin will be pulled down by R11 and R12 to the VSS level. Note that as the XC6216/XE6216 series
is ‘High Active/No pull down’, operations will become unstable with the CE pin open. We suggest that you use this IC with
either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the
operational logic is fixed and the IC will operate normally. However, supply current may increase as a result of through
current in the IC’s internal circuitry if a medium voltage is applied.
<Thermal Shutdown>
When the junction temperature of the built-in driver transistor reaches the temperature limit level (150℃ TYP.), the thermal
shutdown circuit operates and the driver transistor will be set to OFF. The IC resumes its operation when the thermal
shutdown function is released and the IC’s operation is automatically restored because the junction temperature drops to the
level of the thermal shutdown release voltage.
<Minimum Operating Voltage>
For the stable operation of the IC, over 2.0V of input voltage is necessary. The output voltage may not be generated
normally if the input voltage is less than 2.0V.
<Output Voltage Control>
The voltage divided by resistors R11 & R12 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFET which is connected to the VOUT pin is then driven by the subsequent output signal. The output
voltage at the VOUT pin is controlled and stabilized by a system of negative feedback. The current limit circuit and short
protect circuit operate in relation to the level of output current and heat dissipation. Further, the IC’s internal circuitry
can be shutdown via the CE pin’s signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com