Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216DC01PR Datasheet(PDF) 27 Page - Torex Semiconductor

Part # XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 27 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 23Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 24Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 25Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 26Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 27Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 28Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 30Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 31Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
27/43
XC6216/XE6216
Series
XC6216B/D 502
0
1
2
3
4
5
6
7
8
9
10
0
4
8
1216
20
2428
Input Voltage : VIN (V)
Ta=-40℃
Ta=25℃
Ta=85℃
XC6216B/D 502
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
406080
100
Ambient Temperature: Ta (℃)
VIN=7.0V
Input Voltage: VIN (V)
XC6216B/D C02
0
1
2
3
4
5
6
7
8
9
10
0
4
8
1216
2024
28
Input Voltage : VIN (V)
Ta=-40℃
Ta=25℃
Ta=85℃
XC6216B/D C02
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
204060
80
100
Ambient Temprature: Ta (℃)
VIN=14.0V
Input Voltage: VIN (V)
XC621B/C/D 202
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=20mA
CIN=CL=1.0μF (ceramic)
XC6216B/D 332
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=20mA
CIN=CL=1.0μF (ceramic)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
(4) Supply Current vs. Input Voltage (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com