Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216DC01PR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6216DC01PR Datasheet HTML 1Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 2Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 3Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 4Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 5Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 6Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 7Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 8Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3/43
XC6216/XE6216
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
Fixed output voltage, High Active
C
Output voltage externally set, High Active
①
Type and Options of
Regulators
D
Fixed output voltage, No CE function
20 ~ C0
For the voltage within 2.0V ~9.9V (0.1V increments);
e.g. 2.5V ⇒ 25
5.0V ⇒ 50
For the voltage above 10.0V (0.1V increments);
e.g. 10.6V ⇒ A6
11.2V ⇒ B2
12.0V ⇒ C0
②③
Output Voltage
20
For C type (output voltage externally set), VOFB=2.0V only
2
Within ±2% accuracy
④
Output Voltage
Accuracy
(*2)
1
Within ±1% accuracy
MR
SOT-25 ( for B and C types only)
MR-G
SOT-25 ( for B and C types only) (Halogen & Antimony free)
PR
SOT-89-5 (for B and C types only)
PR
SOT-89 (for D type only)
PR-G
SOT-89 (for D type only) (Halogen & Antimony free)
ER
USP-6C (for B and C types only)
FR
SOT-223 (for D type only)
FR-G
SOT-223 (for D type only) (Halogen & Antimony free)
⑤⑥-⑦
Packages
Taping Type
(*3)
JR
TO-252 (for D type only)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
Fixed output voltage, High Active
①
Type and Options of
Regulators
D
Fixed output voltage, without CE function
20~C0
For the voltage within 2.0V ~9.9V;
e.g. 2.5V ⇒ 25
5.0V ⇒ 50
For the voltage above 10.0V;
e.g. 10.6V ⇒ A6
11.2V ⇒ B2
12.0V ⇒ C0
②③
Output Voltage
20
For C type (output voltage externally set), VOFB=2.0V only
④
Output Voltage
Accuracy
2
Within ±2% accuracy
MR-G
SOT-25 ( for B type only) *(under development)
PR
SOT-89-5 (for B type only)
PR-G
SOT-89-5 (for B type only) *(under development)
PR-G
SOT-89 (for D type only) *(under development)
⑤⑥
Packages
Taping Type
(*1)
ER
USP-6C (for B type only) *(under development)
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6216①②③④⑤⑥-⑦
(*1)
*The XE6216Bxx2M, XE6216Dxx2P, XC6216Bxx2E are under development.
(*1) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R, Reverse orientation: ⑤L)
XE6216①②③④⑤⑥
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) For the C type, the accuracy is based on VOFB voltage. The actual output voltage accuracy is depended on the external resistances.
(*3) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com