Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6216DC01PR Datasheet(PDF) 25 Page - Torex Semiconductor

Part # XC6216DC01PR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 25 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 21Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 22Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 23Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 24Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 25Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 26Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 27Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 28Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 29Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
25/43
XC6216/XE6216
Series
XC6216B/D 502
4.0
4.2
4.4
4.6
4.8
5.0
5.2
4
4.5
55.5
66.5
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
Ta=25℃, CIN=CL=1.0μF (ceramic)
XC6216B/D 502
4.0
4.2
4.4
4.6
4.8
5.0
5.2
8
1216
2024
28
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
Ta=25℃, CIN=CL=1.0μF (ceramic)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC6216B/D C02
10.0
10.5
11.0
11.5
12.0
12.5
13.0
10
11
12
13
14
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
Ta=25℃, CIN=CL=1.0μF (ceramic)
XC6216B/D C02
10.0
10.5
11.0
11.5
12.0
12.5
14
16
18
20
22
24
26
28
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
Ta=25℃, CIN=CL=1.0μF (ceramic)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC6216B/C/D 202
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CL=1.0uF (ceramic)
XC6216B/D 332
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CL=1.0uF (ceramic)
Output Current: IOUT (V)
Output Current: IOUT (V)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com