Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STBP120
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STBP120 Datasheet HTML 5Page - STMicroelectronics STBP120 Datasheet HTML 6Page - STMicroelectronics STBP120 Datasheet HTML 7Page - STMicroelectronics STBP120 Datasheet HTML 8Page - STMicroelectronics STBP120 Datasheet HTML 9Page - STMicroelectronics STBP120 Datasheet HTML 10Page - STMicroelectronics STBP120 Datasheet HTML 11Page - STMicroelectronics STBP120 Datasheet HTML 12Page - STMicroelectronics STBP120 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
STBP120
Pin descriptions
Doc ID 15492 Rev 4
9/36
Figure 3.
Block diagram
Figure 4.
Typical application circuit(1),
(2)
1.
Optional resistors REN, RFLT prevent damage to the controller under extreme voltage or current conditions and are not
required. Low ESR ceramic capacitor C1 is necessary to ensure proper function of the STBP120. Capacitor C2 is not
necessary for STBP120 but may be required by the charger IC.
2.
The STBP120 MOSFET switch topology allows the current to also flow in the reverse direction, from OUT to IN, which can
be useful for powering external peripherals from the system connector. The charger IC should not contain the reverse
diode to prevent the battery pack voltage from appearing on the system connector. If the reverse current (supply current) is
undesirable, it may be prevented by connecting a Schottky diode in series with the OUT pin. The voltage drop between IN
and charger is increased by the voltage drop across the diode.
GND
FLT
EN
IN
OUT
COUNTERS
OFF
VREF
VCC
AM00306
CONTROL LOGIC
SUPPLY
REGULATOR
OSCILLATOR
CHARGE PUMP
MOSFET DRIVER
VOLTAGE
REFERENCE
Input overvoltage
Input undervoltage
Thermal shutdown
Temperature
detector
MCU
INTERFACE
ESD
protection
ESD
protection
ESD
protection
Core
negative
protection
AM00314a
AC
adapter
POWERED
PERIPHERALS
SYSTEM
CONNECTOR
SUPPLY CURRENT
CHARGING CURRENT
C1
1 µF
IN
OUT
FLT
EN
GND
EN
ENABLE
C2
1 µF
RFLT
REN
RPU
CHARGER
IC
SUPPLY
CIRCUITS
CONTROLLER
BATTERY
PACK
STBP120
APPLICATION
DC-DC
OR
PERIPHERAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com