Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STBP120
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STBP120 Datasheet HTML 25Page - STMicroelectronics STBP120 Datasheet HTML 26Page - STMicroelectronics STBP120 Datasheet HTML 27Page - STMicroelectronics STBP120 Datasheet HTML 28Page - STMicroelectronics STBP120 Datasheet HTML 29Page - STMicroelectronics STBP120 Datasheet HTML 30Page - STMicroelectronics STBP120 Datasheet HTML 31Page - STMicroelectronics STBP120 Datasheet HTML 32Page - STMicroelectronics STBP120 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
STBP120
Package mechanical data
Doc ID 15492 Rev 4
29/36
Table 6.
TDFN – 10-lead, 2.5 x 2.0 x 0.75 mm body, pitch 0.50 mm,
package mechanical data dimensions(1)
1.
Controlling dimension: millimeters.
Symbol
(mm)
(inches)
Note
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.18
0.25
0.30
0.007
0.010
0.012
D
BSC
2.50
0.098
D2-1
0.53
0.68
0.78
0.021
0.027
0.031
D2-2
0.93
1.08
1.18
0.037
0.043
0.046
E
BSC
2.00
0.079
E2
0.75
0.90
1.00
0.030
0.035
0.039
e
0.50
0.020
L
0.20
0.30
0.40
0.008
0.012
0.016
K0.20
0.008
N10
10
(2)
2.
N is the total number of terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com