Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STBP120
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STBP120 Datasheet HTML 28Page - STMicroelectronics STBP120 Datasheet HTML 29Page - STMicroelectronics STBP120 Datasheet HTML 30Page - STMicroelectronics STBP120 Datasheet HTML 31Page - STMicroelectronics STBP120 Datasheet HTML 32Page - STMicroelectronics STBP120 Datasheet HTML 33Page - STMicroelectronics STBP120 Datasheet HTML 34Page - STMicroelectronics STBP120 Datasheet HTML 35Page - STMicroelectronics STBP120 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
STBP120
Part numbering
Doc ID 15492 Rev 4
33/36
12
Part numbering
Note:
Other overvoltage thresholds are offered. Minimum order quantities may apply.
Contact local sales office for availability.
Table 10.
Ordering information scheme
STBP120
D
V
DK
6
F
Device type
STBP120
Overvoltage threshold
A = 5.375 V
B = 5.50 V
C = 5.85 V
D = 6.02 V
Undervoltage threshold
V = 3.25 V
Package
DK = TDFN – 10-lead, 2.5 x 2 mm
Temperature range
6 = –40 °C to +85 °C
Shipping method
F = ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com