Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STBP120
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STBP120 Datasheet HTML 12Page - STMicroelectronics STBP120 Datasheet HTML 13Page - STMicroelectronics STBP120 Datasheet HTML 14Page - STMicroelectronics STBP120 Datasheet HTML 15Page - STMicroelectronics STBP120 Datasheet HTML 16Page - STMicroelectronics STBP120 Datasheet HTML 17Page - STMicroelectronics STBP120 Datasheet HTML 18Page - STMicroelectronics STBP120 Datasheet HTML 19Page - STMicroelectronics STBP120 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
DC and AC parameters
STBP120
16/36
Doc ID 15492 Rev 4
Timing parameters
ton
Startup delay
Time measured from VIN > VUVLO
to VOUT = 0.3 V (see Figure 6)
30
50
70
ms
tstart
FLT indication delay
(OK)
Time measured from VOUT = 0.3 V
to V(FLT) = 1.2 V (see Figure 6)
30
50
70
ms
toff
(2)
Output turn-off time
Time measured from VIN > VOVLO to VOUT ≤0.3 V.
VIN increasing from 5.0 V to 8.0 V at 3.0 V/µs,
Rload connected to OUT. (see Figure 7)
1.5
5
µs
tstop
(2)
FLT indication delay
(FAULT)
Time measured from VIN > VOVLO to V(FLT) ≤0.4 V.
VIN increasing from 5.0 V to 8.0 V at 3.0 V/µs,
Rload connected to OUT. (see Figure 7)
1µs
tdis
(2)
Disable time
Time measured from V(EN) ≥ 1.2 V
to VOUT < 0.3 V. Rload connected to OUT.
(see Figure 8)
15
µs
Thermal shutdown
TOFF
Thermal shutdown
threshold temperature
130
145
°C
THYS(OFF)
Thermal shutdown
hysteresis
20
°C
1.
Test conditions described in Table 4 (except where noted).
2.
Guaranteed by design. Not tested in production.
Table 5.
DC and AC characteristics (continued)
Symbol
Description
Test condition(1)
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com