Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBP120
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBP120 Datasheet HTML 8Page - STMicroelectronics STBP120 Datasheet HTML 9Page - STMicroelectronics STBP120 Datasheet HTML 10Page - STMicroelectronics STBP120 Datasheet HTML 11Page - STMicroelectronics STBP120 Datasheet HTML 12Page - STMicroelectronics STBP120 Datasheet HTML 13Page - STMicroelectronics STBP120 Datasheet HTML 14Page - STMicroelectronics STBP120 Datasheet HTML 15Page - STMicroelectronics STBP120 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Application information
STBP120
12/36
Doc ID 15492 Rev 4
4
Application information
4.1
Calculating the power dissipation
The maximum power dissipation of the STBP120 internal power MOSFET can be calculated
using following formula:
PD = I
2 x R
DS(on)(max),
Where I is current flowing through the MOSFET and RDS(on)(max) is maximum value of
MOSFET resistance.
Example:
Rload = 5 Ω, VIN = 5 V, RDS(on)(max) = 150 mΩ
I = VIN / (RDS(on)(max) + Rload) = 5 / (5 + 0.150) = 0.97 A
PD = 0.97
2 x 0.15 = 0.14 W
The power dissipation of reverse diode (in powering peripherals mode) can be estimated as
PD = (VOUT - VIN) x I ≈ 0.7 x I.
4.2
Calculating the junction temperature
The maximum junction temperature for given power dissipation, ambient temperature and
thermal resistance junction - to - ambient can be calculated as
TJ = TA + 1.15 x PD x RthJA = TA + 1.15 x I
2 x R
DS(on)(max) x RthJA,
where TJ is junction temperature, TA is given ambient temperature, 1.15 is a derating factor
and RthJA is thermal resistance junction - to - ambient, depending on shape, dimension and
design of PCB. Two examples of PCB with appropriate thermal resistance are listed in
Table 3. The junction temperature may not exceed 125 °C (see Table 4), due to TOFF
(thermal shutdown threshold temperature).
Maximum allowed MOSFET current for ambient temperature TA = 85 °C and various RthJA
values are listed in Figure 5.
Example: For conditions listed in previous example, well designed PCB (RthJA = 82 °C/W)
and TA = 85 °C, the maximum junction temperature is
85 + 1.15 x 0.14 x 82 = 98.2 °C.
4.3
PCB layout recommendations
●
This device is intended as a protection device to the application from overvoltage.
It must be ensured that the clearances between PCB tracks satisfy the high voltage
design rules.
●
Input capacitor, C1, should be located as close as possible to the STBP120 device.
It should be a Low-ESR ceramic capacitor. Also the protective resistors RFLT, REN
(if used) should be located close to the STBP120.
●
For good thermal performance, it is recommended to connect the STBP120 exposed
thermal pads with the PCB ground plane. In most designs, this requires thermal vias
between the copper pads on PCB and the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com