Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP120 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STBP120
Description  Overvoltage protection device with thermal shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP120 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STBP120 Datasheet HTML 24Page - STMicroelectronics STBP120 Datasheet HTML 25Page - STMicroelectronics STBP120 Datasheet HTML 26Page - STMicroelectronics STBP120 Datasheet HTML 27Page - STMicroelectronics STBP120 Datasheet HTML 28Page - STMicroelectronics STBP120 Datasheet HTML 29Page - STMicroelectronics STBP120 Datasheet HTML 30Page - STMicroelectronics STBP120 Datasheet HTML 31Page - STMicroelectronics STBP120 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Package mechanical data
STBP120
28/36
Doc ID 15492 Rev 4
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 26.
TDFN – 10-lead, 2.5 x 2.0 x 0.75 mm body, pitch 0.50 mm,
package mechanical drawing
e
D2-2
D2-1
0.025
10
BOTTOM VIEW
PIN#1 ID
0.350
1
E2
5
E
0.10 C 2x
0.08 C
0.10 C
LEADS COPLANARITY
SIDE VIEW
TOP VIEW
0.10 C 2x
SEATING
A1
PLANE
D
INDEX AREA
L
0.195
0.10
C A B
A
B
C
0.195
INDEX AREA
K (x10)
b (x10)
(x10)
10L_ME
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com