Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3582 Datasheet HTML 3Page - Linear Technology LT3582 Datasheet HTML 4Page - Linear Technology LT3582 Datasheet HTML 5Page - Linear Technology LT3582 Datasheet HTML 6Page - Linear Technology LT3582 Datasheet HTML 7Page - Linear Technology LT3582 Datasheet HTML 8Page - Linear Technology LT3582 Datasheet HTML 9Page - Linear Technology LT3582 Datasheet HTML 10Page - Linear Technology LT3582 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3582/LT3582-5/LT3582-12
7
3582512f
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveform at 1mA
Load (Boost)
Switching Waveform at 10mA
Load (Boost)
Switching Waveform at 100mA
Load (Boost)
Switching Waveform at 1mA
Load (Inverting)
Switching Waveform at 10mA
Load (Inverting)
Load Transient, VOUTN, 30mA to
60mA to 30mA Steps
Load Transient, VOUTP, 30mA to
60mA to 30mA Steps
Power-Up Sequencing Waveforms
(PUSEQ = 11)
Power-Down Discharge
Waveforms
(PUSEQ = 11, PDDIS = 1)
3582512 G10
VVOUTP
10mV/DIV
AC COUPLED
VSWP
5V/DIV
IL2
0.2A/DIV
5μs/DIV
3582512 G11
VVOUTP
10mV/DIV
AC COUPLED
VSWP
5V/DIV
IL2
0.2A/DIV
2μs/DIV
3582512 G12
VVOUTP
10mV/DIV
AC COUPLED
VSWP
5V/DIV
IL2
0.2A/DIV
200ns/DIV
3582512 G13
VVOUTN
20mV/DIV
AC COUPLED
VSWN
10V/DIV
IL1
0.2A/DIV
5μs/DIV
3582512 G14
VVOUTN
50mV/DIV
AC COUPLED
VSWN
10V/DIV
IL1
0.2A/DIV
5μs/DIV
3582512 G15
LOAD
CURRENT
–20mA/DIV
VVOUTN
0.1V/DIV
AC COUPLED
IL1
0.2A/DIV
50μs/DIV
3582512 G16
LOAD
CURRENT
20mA/DIV
VOUTP
0.2V/DIV
AC COUPLED
IL2
0.2A/DIV
50μs/DIV
3582512 G17
VRAMPN
1V/DIV
VRAMPP
1V/DIV
VVOUTP
5V/DIV
VVOUTN
5V/DIV
5ms/DIV
3582512 G18
VRAMPP
1V/DIV
VRAMPN
1V/DIV
VVOUTN
5V/DIV
VVOUTP
5V/DIV
5ms/DIV
Note: All waveforms on this page apply
to Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com