Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3582 Datasheet HTML 9Page - Linear Technology LT3582 Datasheet HTML 10Page - Linear Technology LT3582 Datasheet HTML 11Page - Linear Technology LT3582 Datasheet HTML 12Page - Linear Technology LT3582 Datasheet HTML 13Page - Linear Technology LT3582 Datasheet HTML 14Page - Linear Technology LT3582 Datasheet HTML 15Page - Linear Technology LT3582 Datasheet HTML 16Page - Linear Technology LT3582 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3582/LT3582-5/LT3582-12
13
3582512f
CMDR: The Command Register is used to control various
functions of the chip. During shutdown and power-up the
CMDR is initialized to 00h.
The RSEL (Register Select) bits are functional only for
the LT3582. The LT3582-5 and LT3582-12 function as if
the RSEL bits are always “0”. These bits perform three
functions:
• Each RSEL bit instructs the chip whether to use the
configuration data from the corresponding OTP byte
(RSELx=0) or the REG byte (RSELx=1). Changing an
RSELx bit immediately updates the chip configuration.
• Each RSEL bit determines if I2C reads return data from
the corresponding OTP byte (RSELx=0) or the REG byte
(RSELx=1).
• OTP programming only programs data to the bytes with
corresponding RSEL bits set high.
Setting the SWOFF bit immediately disables the Boost and
Inverting power switches and opens the output disconnect
PMOS switch. It is recommended to set this bit before
writing new configuration data. This can prevent unex-
pected chip behavior while modifying the configuration
and also forces a soft-start after SWOFF is cleared (see
Soft-Start and Power-up Sequencing). Writing “1” to the
RST bit resets the internal I2C logic and the CMDR register.
Reading bit 6 of the CMDR returns the FAULT bit indicating
if an OTP programming attempt may have failed. FAULT
is cleared during reset, power-up, or by writing a “1” to
the CF (Clear Fault) bit. Conditions that set the FAULT bit
are (1) OTP programming in which the VPP voltage is too
low or (2) attempted OTP programming when the LOCK
bit is set.
OTP write attempts that set the FAULT bit due
to low VPP voltage should be considered failures and the
device should be discarded. Attempts to re-program the
OTP memory after the FAULT bit has been set are not
recommended. Finally, setting the WOTP bit starts the
OTP programming.
Table 1: LT3582 Series Register Map
REGIS-
TER
ADDRESS
REGIS-
TER
NAME
BIT
BIT
NAME
DESCRIPTION
00h
REG0/
OTP0
7:0
VP
VOUTPOutputVoltage(00h=3.2V,
BFh = 12.75V)
01h
REG1/
OTP1
7:0
VN
VOUTNOutputVoltage(00h=1.2V,
FFh = 13.95V)
7
-
Reserved, Write to 0
6
LOCK
Lockout Bit: See “OTP Program-
ming Lockout” Section.
02h
REG2/
OTP2
5VPLUS VOUTP Output Voltage Bit: In-
crease VOUTP by ~25mV
4:3
IRMP
RAMPP & RAMPN Pullup Cur-
rent: IRAMP = (2) IRMP μA
2
PDDIS Power-Down Discharge Enable.
PUSEQ Must be 11 if Set.
1:0
PUSEQ Power-Up Sequencing: 00 =
Outputs Disabled, 01 = VOUTN
Ramp 1st, 10 = VOUTP Ramp 1st,
11 = Both Ramp Together
7
WOTP Write OTP Memory
6CF/
FAULT
Clear Fault/OTP Programming
Fault
5RST
Reset
4SWOFF Switches-Off
04h
CMDR
3
-
Reserved, Write to 0
2RSEL2 Register Select 2 (0=OTP2,
1=REG2)
1RSEL1 Register Select 1 (0=OTP1,
1=REG1)
0RSEL0 Register Select 0 (0=OTP0,
1=REG0)
OTP0/REG0 & OTP1/REG1: Data in addresses 00h &
01h is used to set the output voltages of the Boost and
Inverting converters respectively. See Setting the Output
Voltages for more information.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com