Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 5 Page - Linear Technology

  LT3582 Datasheet HTML 1Page - Linear Technology LT3582 Datasheet HTML 2Page - Linear Technology LT3582 Datasheet HTML 3Page - Linear Technology LT3582 Datasheet HTML 4Page - Linear Technology LT3582 Datasheet HTML 5Page - Linear Technology LT3582 Datasheet HTML 6Page - Linear Technology LT3582 Datasheet HTML 7Page - Linear Technology LT3582 Datasheet HTML 8Page - Linear Technology LT3582 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3582/LT3582-5/LT3582-12
5
3582512f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tHD,DATRCV
Data Hold Time Receiving
LT3582 Receiving Data from Host
l
0ns
tSU,DAT
Data Setup Time
l
250
ns
tF
SDA Fall Time
400pF load, VIN ≥ 2.5V
l
250
ns
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VSHDN = VIN unless otherwise noted. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: LT3582 only.
Note 3: The LT3582E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlations with statistical process controls.
Note 4: These specifications apply to the VP trim bits in REG0 using
a 50mV LSB and do not include the additional VPLUS trim bit. See
Registers and OTP in the Applications Information section.
Note 5: This IC includes over-temperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when over-temperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair
device reliability.
Note 6: Output voltage is measured under non-switching test conditions
approximating a moderate load current from the output.
I2C Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com