Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 4 Page - Linear Technology

  LT3582 Datasheet HTML 1Page - Linear Technology LT3582 Datasheet HTML 2Page - Linear Technology LT3582 Datasheet HTML 3Page - Linear Technology LT3582 Datasheet HTML 4Page - Linear Technology LT3582 Datasheet HTML 5Page - Linear Technology LT3582 Datasheet HTML 6Page - Linear Technology LT3582 Datasheet HTML 7Page - Linear Technology LT3582 Datasheet HTML 8Page - Linear Technology LT3582 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3582/LT3582-5/LT3582-12
4
3582512f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IRAMP10
RAMPP/RAMPN Pull Up Current2
IRMP Code = 10
VRAMPP = 0.0V
VRAMPN = 0.0V
l
2.8
4.0
5.2
μA
IRAMP11
RAMPP/RAMPN Pull Up Current2
IRMP Code = 11
VRAMPP = 0.0V
VRAMPN = 0.0V
l
5.6
8.0
10.4
μA
VVPLUS
VOUTP Voltage Increase When VPLUS
Bit is Set from 0 to 12
25
mV
Input/Output Pin Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN_VIH
SHDN Input Voltage High
l
1.1
V
VSHDN_VIL
SHDN Input Voltage Low
l
0.3
V
VHYST_SHDN
SHDN Input Hysteresis
50
mV
ISHDN_BIAS
SHDN Pin Bias Current
VSHDN = 1V
2.5
4.5
6.5
μA
VCA_VIH
CA Input Voltage High
l 0.7 × VIN
V
VCA_VIL
CA Input Voltage Low
l
0.3 × VIN
V
VSDA_VIH
SDA Input Voltage High
l
1.25
V
VSDA_VIL
SDA Input Voltage Low
l
0.85
V
VSCL_VIH
SCL Input Voltage High
l
1.25
V
VSCL_VIL
SCL Input Voltage Low
l
0.85
V
VHYST
Input Hysteresis
SDA, SCL Pins
80
mV
ILEAK_CA
CA Input Leakage Current
CA = 0V & 5.5V
l
±1
μA
ILEAK_SCL
SCL Input Leakage Current
SCL = 0V & 5.5V
l
±1
μA
ILEAK_SDA
SDA Input Leakage Current
SDA = 0V & 5.5V
l
±1
μA
CIN
Input Capacitance
SDA, SCL Pins
3
pF
VSDA_OL
SDA Output Low Voltage
3mA into SDA Pin
l
0.4
V
VPP_RANGE
VPP Voltage Range for OTP Write2
13
15
V
VPPUVLO
Under-voltage Lockout for VPP Pin2
l
12.05
12.45
12.85
V
I2C Timing Characteristics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
Serial Clock Frequency
l
100
kHz
tLOW
Serial Clock Low Period
l
4.7
μs
tHIGH
Serial Clock High Period
l
4.0
μs
tBUF
Bus Free Time Between Stop and Start
l
4.7
μs
tHD,STA
Start Condition Hold Time
l
4.0
μs
tSU,STA
Start Condition Setup Time
l
4.7
μs
tSU,STO
Stop Condition Setup Time
l
4.0
μs
tHD,DATXMIT
Data Hold Time Transmitting
LT3582 Sending Data to Host
l
300
ns
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VSHDN = VIN unless otherwise noted. (Note 3)
Programmable Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com