Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3582 Datasheet HTML 15Page - Linear Technology LT3582 Datasheet HTML 16Page - Linear Technology LT3582 Datasheet HTML 17Page - Linear Technology LT3582 Datasheet HTML 18Page - Linear Technology LT3582 Datasheet HTML 19Page - Linear Technology LT3582 Datasheet HTML 20Page - Linear Technology LT3582 Datasheet HTML 21Page - Linear Technology LT3582 Datasheet HTML 22Page - Linear Technology LT3582 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3582/LT3582-5/LT3582-12
19
3582512f
Where…
VOUT
= Regulation voltage
VIN(MIN) = Minimum input voltage.
IPK
= Peak inductor current. See prior section
Peak Current Rating. Use minimum ILimit
rating for these calculations.
η
= Power conversion efficiency (about 88%
for Boost or 78% for Inverting)
TOFF_MIN = Minimum switch off time. Typically
100ns for Boost and 125ns for Inverting.
IOUT
= Output load current
For example, if VOUTP = 10V, VOUTN = –10V, VIN = 5V, and
L = 4.7μH then IOUTP = 117mA and IOUTN = 105mA.
Note: The 155mA (Typ) current limit of the output dis-
connect PMOS (see Electrical Characteristics) may limit
maximum IOUTP unless CAPP is shorted to VOUTP. See
Improving Boost Converter Efficiency.
Maximum Slew Rate: Lower inductance causes higher
current slew rates which can lead to current limit over-
shoot. Choose an inductance higher than LMIN to limit
the overshoot:
L
MIN = VIN(MAX) • 0.2µH
where VIN(MAX) is the maximum input voltage. Using the
previous example VIN = 3V, LMIN = 0.6μH.
Capacitor Selection
The small size and low ESR of ceramic capacitors makes
them suitable for most LT3582 series applications. X5R
and X7R types are recommended because they retain their
capacitance over wider voltage and temperature ranges
than other types such as Y5V or Z5U. A 4.7μF input capaci-
tor and a 2.2μF-10μF output capacitor are sufficient for
most LT3582 series applications. Always use a capacitor
with a sufficient voltage rating. Many capacitors rated at
2.2μF to 10μF, particularly 0805 or 0603 case sizes, have
greatly reduced capacitance at the desired output voltage.
Generally a 1206 capacitor will be adequate. A 0.22μF to
1μF capacitor placed on the CAPP node is recommended
to filter the inductor current while the larger 2.2μF to 10μF
placed on the VOUTP & VOUTN nodes will give excellent
transient response and stability. Avoid placing large value
capacitors (generally > 6.8μF) on both CAPP and VOUTP.
This configuration can be less stable since it creates two
poles, one at the CAPP pin and the other at the VOUTP
pin, which can be near each other in frequency. Table 4
shows a list of several capacitor manufacturers. Consult
the manufacturers for more detailed information and for
their entire selection of related parts.
Table 4: Ceramic Capacitor Manufacturers
MANUFACTURER
PHONE
URL
Kemet
408-986-0424
www.kemet.com
Murata
814-237-1431
www.murata.com
Taiyo Yuden
408-573-4150
www.t-yuden.com
TDK
847-803-6100
www.tdk.com
Diode Selection
Schottky diodes, with their low forward voltage drops
and fast switching speeds, are recommended for use with
the LT3582 series. The Diodes Inc. B0540WS is a very
good choice in a small SOD-323 package. This diode is
rated to handle an average forward current of 500mA and
performs well across a wide temperature range. Schottky
diodes with very low forward voltage drops are also avail-
able. These diodes may improve efficiency at moderate
and cold temperatures, but will likely reduce efficiency
at higher temperatures due to excessive reverse leakage
currents.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com