Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3582 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3582
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3582 Datasheet HTML 17Page - Linear Technology LT3582 Datasheet HTML 18Page - Linear Technology LT3582 Datasheet HTML 19Page - Linear Technology LT3582 Datasheet HTML 20Page - Linear Technology LT3582 Datasheet HTML 21Page - Linear Technology LT3582 Datasheet HTML 22Page - Linear Technology LT3582 Datasheet HTML 23Page - Linear Technology LT3582 Datasheet HTML 24Page - Linear Technology LT3582 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3582/LT3582-5/LT3582-12
21
3582512f
APPLICATIONS INFORMATION
and diode. Finally, due to the path from VIN to VOUTP,
current will flow through the integrated feedback resistor
whenever voltage is present on VIN.
Inrush Current
When the Boost inductor input voltage (usually VIN) is
stepped from ground to the operating voltage, a high
level of inrush current may flow through the inductor
and Schottky diode into the CAPP capacitor. Conditions
that increase inrush current include a larger more abrupt
voltage step at the inductor input, larger CAPP capacitors
and inductors with low inductances and/or low saturation
currents. For circuits that use output capacitor values
within the recommended range and have input voltages
of less than 5V, inrush current remains low, posing no
hazard to the devices. In cases where there are large
input voltage steps (more than 5V) and/or a large CAPP
capacitor is used, inrush current should be measured to
ensure safe operation.
Thermal Lockout
If the die temperature reaches approximately 147°C, the
part will go into thermal lockout. In this event, the chip
is reset which turns off the power switches and starts to
discharge the RAMP capacitors. The part will be re-enabled
when the die temperature drops by about 3.5°C.
Board Layout Considerations
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement.
To maximize efficiency, switch rise and fall times are made
as short as possible. To prevent electromagnetic interfer-
ence (EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signals of the
SWP and SWN pins have sharp rising and falling edges.
Minimize the length and area of all traces connected to
the SWP/SWN pins and always use a ground plane under
the switching regulator to minimize interplane coupling.
Suggested component placement is shown in Figure 12.
Make sure to include the ground plane cuts as shown in
Figure 12. The switching action of the regulators can cause
large current steps in the ground plane. The cuts reduce
noise by recombining the current steps into a continuous
flow under the chip, thus reducing di/dt related ground
noise in the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com