Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24242PVC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24242PVC
Description  Laser Printer System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24242PVC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24242PVC Datasheet HTML 1Page - Cypress Semiconductor CY24242PVC Datasheet HTML 2Page - Cypress Semiconductor CY24242PVC Datasheet HTML 3Page - Cypress Semiconductor CY24242PVC Datasheet HTML 4Page - Cypress Semiconductor CY24242PVC Datasheet HTML 5Page - Cypress Semiconductor CY24242PVC Datasheet HTML 6Page - Cypress Semiconductor CY24242PVC Datasheet HTML 7Page - Cypress Semiconductor CY24242PVC Datasheet HTML 8Page - Cypress Semiconductor CY24242PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY24242
Document #: 38-07268 Rev. *B
Page 4 of 10
Absolute Maximum Ratings[4]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
–55 to +125
°C
TB
Ambient Temperature under Bias
0 to +70
°C
ESDPROT
Input ESD Protection
2 (min.)
kV
DC Electrical Characteristics:
TA = 0°C to +70°C, VDDQ3 = 3.3V ± 10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDDQ3
Supply Current (3.3V)
CPUCLK = 100 MHz
Outputs Loaded[4]
400
mA
IDDQ2
Supply Current (2.5V)
CPUCLK = 100 MHz
Outputs Loaded[4]
400
mA
Logic Inputs[5]
VIL
Input Low Voltage
GND-3
0.8
V
VIH
Input High Voltage
2.0
VDD +.3
V
IIL
Input Low Current[6]
–25
µA
IIH
Input High Current[6]
10
µA
Crystal Oscillator
VTH
X1 Input Threshold Voltage[1]
1.5
V
CLOAD
Load Capacitance, Imposed on
External Crystal[7]
14
pF
CIN,X1
X1 Input Capacitance[8]
Pin X2 unconnected
28
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
Notes:
4. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
5. CY24242 logic inputs have internal pull-up resistors.
6. X1 input threshold voltage (typical) is VDDQ/2.
7. The CY24242 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is
14 pF; this includes typical stray capacitance of short PCB traces to crystal.
8. X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com