Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24242PVC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY24242PVC
Description  Laser Printer System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24242PVC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY24242PVC Datasheet HTML 1Page - Cypress Semiconductor CY24242PVC Datasheet HTML 2Page - Cypress Semiconductor CY24242PVC Datasheet HTML 3Page - Cypress Semiconductor CY24242PVC Datasheet HTML 4Page - Cypress Semiconductor CY24242PVC Datasheet HTML 5Page - Cypress Semiconductor CY24242PVC Datasheet HTML 6Page - Cypress Semiconductor CY24242PVC Datasheet HTML 7Page - Cypress Semiconductor CY24242PVC Datasheet HTML 8Page - Cypress Semiconductor CY24242PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Laser Printer System Frequency Synthesizer
CY24242
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07268 Rev. *B
Revised January 19, 2005
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum technology
• Reduces measured EMI by as much as 10 dB
• Four skew-controlled copies of CPU output
• Four skew-controlled copies of SDRAM output
• One copy of 14.31818-MHz Reference output
• One copy of 48-MHz USB clock (not spread)
• Selectable SSFTG modulation width
• Available in 28-pin SSOP (209 mil)
Key Specifications
Supply Voltage:
VDDCORE: ........................................................... 3.3V±10%
VDDC: ............................................... 3.3V±10% or 2.5V±5%
VDDS: ............................................... 3.3V±10% or 2.5V±5%
VDDU: ............................................... 3.3V±10% or 2.5V±5%
CPU Clock Cycle to Cycle Jitter: ................................ 250 ps
USBCLK Long term Jitter:....................................... ± 500 ps
CPU0:3 Clock Skew: .................................................. 250 ps
CPU, SDRAM Output on Resistance: ............................. 15
Ω
Logic inputs have 250K-ohm pull-up resistors
Notes:
1. All clock output loaded with maximum lump capacitance test load specified in AC Electrical Characteristics section.
2. Signals marked with [*] have internal pull-up resistors
3. Signal marked with[^] has internal pull-down resistors.
Table 1. Pin Selectable Frequency[1]
FS1 FS0
CPU(0:3),
SDRAM(0:3)
USBCLK
0
0
133.3 MHz
48 MHz
0
1
100 MHz
48 MHz
1
0
66.6 MHz
48 MHz
1
1
50 MHz
48 MHz
Table 2. Spread Characteristics.
SSON#
SS%1
SS%0
CPU(0:3),
SDRAM(0:3)
0
0
0
–0.5%
0
0
1
–1.0%
0
1
0
–2.5%
011
–3.75%
1
0
0
0 (off)\
101
0 (off)
110
0 (off)
111
0 (off)
Block Diagram
Pin Configuration
REF
XTAL
PLL Ref Freq
PLL 1
X2
X1
CPU0:3
SDRAM0:3
USBCLK
PLL 2
OSC
FS0
FS1
SSON#
USBCLKEN
SS%0
SS%1
SDEN
VDDCORE
REF
GND
X1
X2
SDRAM3
SDRAM2
VDDS
SDRAM1
SDRAM0
GND
VDDCORE
*SDEN
*SS%0
USBCLKEN
GND
USBCLK
VDDU
CPU0
CPU1
VDDC
CPU2
CPU3
GND
SS%1*
SSON#^
FS1*
FS0*
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
[2, 3]


Similar Part No. - CY24242PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-3 CYPRESS-CY24204ZC-3 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-3T CYPRESS-CY24204ZC-3T Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-4 CYPRESS-CY24204ZC-4 Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
CY24204ZC-4T CYPRESS-CY24204ZC-4T Datasheet
136Kb / 6P
MediaClock??DTV, STB Clock Generator
More results

Similar Description - CY24242PVC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Cypress Semiconductor
W133 CYPRESS-W133 Datasheet
146Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 13, 1999
W137 CYPRESS-W137 Datasheet
174Kb / 10P
Bx Notebook System Frequency Synthesizer
October 12, 1999
W158 CYPRESS-W158 Datasheet
166Kb / 12P
Spread Spectrum System Frequency Synthesizer
October 12, 1999, rev
logo
SpectraLinear Inc
W158 SPECTRALINEAR-W158 Datasheet
219Kb / 12P
Spread Spectrum System Frequency Synthesizer
logo
Cypress Semiconductor
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Sensortechnics GmbH
LD78C6S-A SENSORTECHNICS-LD78C6S-A Datasheet
761Kb / 6P
Laser Beam Printer
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
LD78F6DF-1 SENSORTECHNICS-LD78F6DF-1 Datasheet
580Kb / 4P
Laser Printer
logo
Silicon Laboratories
W158 SILABS-W158 Datasheet
154Kb / 12P
Spread Spectrum System Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com