Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24242PVC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY24242PVC
Description  Laser Printer System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24242PVC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY24242PVC Datasheet HTML 1Page - Cypress Semiconductor CY24242PVC Datasheet HTML 2Page - Cypress Semiconductor CY24242PVC Datasheet HTML 3Page - Cypress Semiconductor CY24242PVC Datasheet HTML 4Page - Cypress Semiconductor CY24242PVC Datasheet HTML 5Page - Cypress Semiconductor CY24242PVC Datasheet HTML 6Page - Cypress Semiconductor CY24242PVC Datasheet HTML 7Page - Cypress Semiconductor CY24242PVC Datasheet HTML 8Page - Cypress Semiconductor CY24242PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY24242
Document #: 38-07268 Rev. *B
Page 2 of 10
Pin Definitions
Pin Name
Pin
No.
Pin
Type
Pin Description
CPU0:3
24, 23, 21,
20
O
CPU Clock Outputs: These four outputs run at a frequency set by FS0:1. The
width of the Spread Spectrum Modulation is enabled by pin SSON#, and
selected by pins SS%0:1.
SDRAM0:3
10, 9, 7, 6
O
SDRAM Outputs: These four SDRAM clock outputs run synchronously to the
CPU clock. Modulation and frequency follow the CPU outputs.
FS0:1
15, 16
I
Frequency Selection Inputs: Selects CPU clock frequency as shown in
Table 1.
SS%0:1
14, 18
I
Modulation Width Selection Inputs: These inputs select the width of the
Spread Spectrum feature when it is enabled by SSON#.
USBCLK
26
O
USB Output: Timing signal running at 48.0080 MHz when a 14.31818-MHz
frequency is provided as the reference. (167 ppm accuracy to 48 MHz, the
output is equal to the reference times 57/17.)
SSON#
17
I
CPU Spread Spectrum Enable Input: When this pin is pulled LOW, outputs
CPU0:3 and SDRAM0:3 will have the Spread Spectrum Feature enabled.
USBCLKEN
28
I
USB Disable Input: When this pin is pulled LOW, output USBCLK will be
disabled to a LOW state.
REF
2
O
Reference Output: This output will be equal in frequency to the reference
signal provided at X1/X2.
SDEN
13
I
SDRAM Bank Disable Input: When this pin is pulled LOW, outputs SDRAM0:3
will be disabled to a LOW state.
X1
4
I
Crystal Connection or External Reference Frequency Input: Connect to
either a 14.318-MHz crystal or other reference signal.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal.
If using an external reference, this pin must be left unconnected.
VDDCORE
1, 12
P
Power Connection: Core Power supply. Connect to 3.3V supply.
VDDU
25
P
Power Connection: Power supply for the USB output. Connect to 3.3V or 2.5V
supply.
VDDC
22
P
Power Connection: Power supply for the CPU outputs. Connect to 3.3V or
2.5V supply.
VDDS
8
P
Power Connection: Power supply for the SDRAM outputs. Connect to 3.3V
or 2.5V supply.
GND
3,11, 19, 27
G
Ground Connections: Connect all ground pins to the common system ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com