Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24242PVC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24242PVC
Description  Laser Printer System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24242PVC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24242PVC Datasheet HTML 1Page - Cypress Semiconductor CY24242PVC Datasheet HTML 2Page - Cypress Semiconductor CY24242PVC Datasheet HTML 3Page - Cypress Semiconductor CY24242PVC Datasheet HTML 4Page - Cypress Semiconductor CY24242PVC Datasheet HTML 5Page - Cypress Semiconductor CY24242PVC Datasheet HTML 6Page - Cypress Semiconductor CY24242PVC Datasheet HTML 7Page - Cypress Semiconductor CY24242PVC Datasheet HTML 8Page - Cypress Semiconductor CY24242PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY24242
Document #: 38-07268 Rev. *B
Page 3 of 10
Spread Spectrum Generator
The device generates a clock that is frequency modulated in
order to increase the bandwidth that it occupies. By increasing
the bandwidth of the fundamental and its harmonics, the ampli-
tudes of the radiated electromagnetic emissions are reduced.
This effect is depicted in Figure 1.
As shown in Figure 1, a harmonic of a modulated clock has a
much lower amplitude than that of an unmodulated signal. The
reduction in amplitude is dependent on the harmonic number
and the frequency deviation or spread. The equation for the
reduction is
dB = 6.5 + 9*log10(P) + 9*log10(F)
Where P is the percentage of deviation and F is the frequency
in MHz where the reduction is measured.
The output clock is modulated with a waveform depicted in
Figure 2. This waveform, as discussed in “Spread Spectrum
Clock Generation for the Reduction of Radiated Emissions” by
Bush, Fessler, and Hardin, produces the maximum reduction
in the amplitude of radiated electromagnetic emissions. The
deviation selected for this chip is ±0.5% of the center
frequency. Figure 2 details the Cypress spreading pattern.
Cypress does offer options with more spread and greater EMI
reduction. Contact your local Sales representative for details
on these devices.
Spread Spectrum clocking is activated or deactivated by
selecting the appropriate values for bits 1–0 in data byte 0 of
the SMBus data stream.
Spread
Spectrum
Enabled
EMI Reduction
Spectrum
Frequency Span (MHz)
Non-
Spread
-SS%
Figure 1. Clock Harmonic with and without SSCG Modulation Frequency Domain Representation
Figure 2. Typical Modulation Profile
MAX (+.0.5%)
MIN. (–0.5%)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com