Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24242PVC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY24242PVC
Description  Laser Printer System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24242PVC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY24242PVC Datasheet HTML 2Page - Cypress Semiconductor CY24242PVC Datasheet HTML 3Page - Cypress Semiconductor CY24242PVC Datasheet HTML 4Page - Cypress Semiconductor CY24242PVC Datasheet HTML 5Page - Cypress Semiconductor CY24242PVC Datasheet HTML 6Page - Cypress Semiconductor CY24242PVC Datasheet HTML 7Page - Cypress Semiconductor CY24242PVC Datasheet HTML 8Page - Cypress Semiconductor CY24242PVC Datasheet HTML 9Page - Cypress Semiconductor CY24242PVC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY24242
Document #: 38-07268 Rev. *B
Page 6 of 10
Absolute Maximum Ratings
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
.
REF Clock Outputs (Lump Capacitance Test Load = 20 pF)
Parameter
Description
Test Condition/Comments
CPU = 66/100MHz
Unit
Min.
Typ.
Max.
f
Frequency, Actual
Frequency equal to the reference
provided at pins X1, X2
14.318
MHz
tR
Output Rise Edge Rate
0.5
–
2
V/ns
tF
Output Fall Edge Rate
0.5
–
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at
1.5V
45
–
55
%
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached
within 1 ms from power-up. Short cycles
exist prior to frequency stabilization.
––
3
ms
Zo
AC Output Impedance Average value during switching
transition. Used for determining series
termination value.
–40
–
Ω
USBCLK Clock Output (Lump Capacitance Test Load = 20 pF, VDDC =3.3V)
Parameter
Description
Test Condition/Comments
CPU = 66/100 MHz
Unit
Min.
Typ.
Max.
tR
Output Rise Edge Rate
0.5
–
2
V/ns
tF
Output Fall Edge Rate
0.5
–
2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
–
55
%
tJL
Jitter, Long term
Measured on rising edge at 1.5V. Maximum
difference of cycle time between two adjacent
cycles.
––
500
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.5V. Maximum
difference of cycle time between two adjacent
cycles.
––
400
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior to
frequency stabilization.
––3
ms
Zo
AC Output Impedance
Average value during switching transition. Used
for determining series termination value.
–40
–
Ω
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
–55 to +125
°C
TB
Ambient Temperature under Bias
0 to +70
°C
ESDPROT
Input ESD Protection
2 (min.)
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com