Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY24242PVC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY24242PVC
Description  Laser Printer System Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24242PVC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY24242PVC Datasheet HTML 2Page - Cypress Semiconductor CY24242PVC Datasheet HTML 3Page - Cypress Semiconductor CY24242PVC Datasheet HTML 4Page - Cypress Semiconductor CY24242PVC Datasheet HTML 5Page - Cypress Semiconductor CY24242PVC Datasheet HTML 6Page - Cypress Semiconductor CY24242PVC Datasheet HTML 7Page - Cypress Semiconductor CY24242PVC Datasheet HTML 8Page - Cypress Semiconductor CY24242PVC Datasheet HTML 9Page - Cypress Semiconductor CY24242PVC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY24242
Document #: 38-07268 Rev. *B
Page 7 of 10
AC Electrical Characteristics
TA = 0°C to +70°C, VDD = VDDQ3 = 2.5V ± 5%, fXTL = 14.31818 MHz
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output.
CPU Clock Outputs, CPU0:3 (Lump Capacitance Test Load = 20 pF, VDDC = 2.5V)
Parameter
Description
Test Condition/Comments
CPU = 66 MHz
CPU = 100 MHz
Unit
Min. Typ. Max. Min. Typ. Max.
tP
Period
Measured on rising edge at 1.25V
15
–
15.5
10
–
10.5
ns
tH
High Time
Duration of clock cycle above 2.0V
5.2
–
–
3.0
–
–
ns
tL
Low Time
Duration of clock cycle below 0.4V
5
–
–
2.8
–
–
ns
tR
Output Rise Edge Rate Measured from 0.4V to 2.0V
0.4
–
3.2
0.4
–
3.2
V/ns
tF
Output Fall Edge Rate
Measured from 2.0V to 0.4V
0.4
–
3.2
0.4
–
3.2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at
1.25V
45
–
55
45
–
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.25V.
Maximum difference of cycle time
between two adjacent cycles.
–
–
250
–
–
250
ps
tSK
Output Skew
Measured on rising edge at 1.25V
–
–
250
–
–
250
ps
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached
within 1 ms from power-up. Short
cycles exist prior to frequency stabili-
zation.
–
–3–
–3
ms
Zo
AC Output Impedance
Average value during switching
transition. Used for determining series
termination value.
–
20–
–
20–
Ω
SDRAM Clock Outputs, SDRAM0:3 (Lump Capacitance Test Load = 30 pF, VDDC = 2.5V)
Parameter
Description
Test Condition/Comments
CPU = 66 MHz
CPU = 100 MHz
Unit
Min. Typ. Max. Min. Typ. Max.
tP
Period
Measured on rising edge at 1.25V
15
–
15.5
10
–
10.5
ns
tH
High Time
Duration of clock cycle above 2.0V
5.2
–
–
3.0
–
ns
tL
Low Time
Duration of clock cycle below 0.4V
5
–
–
2.8
–
ns
tR
Output Rise Edge Rate Measured from 0.4V to 2.0V
0.4
–
3.2
0.4
–
3.2
V/ns
tF
Output Fall Edge Rate Measured from 2.0V to 0.4V
0.4
–
3.2
0.4
–
3.2
V/ns
tD
Duty Cycle
Measured on rising and falling edge at
1.25V
45
–
55
45
–
55
%
tJC
Jitter, Cycle-to-Cycle
Measured on rising edge at 1.25V.
Maximum difference of cycle time
between two adjacent cycles.
–
–
250
–
–
250
ps
tSK
Output Skew
Measured on rising edge at 1.25V
–
250
300
–
250
350
ps
fST
Frequency Stabilization
from Power-up (cold
start)
Assumes full supply voltage reached
within 1 ms from power-up. Short cycles
exist prior to frequency stabilization.
–
–3–
–3
ms
Zo
AC Output Impedance Average value during switching
transition. Used for determining series
termination value.
–20
–
–20
–
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com