Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3601IMSE Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 4Page - Linear Technology LTC3601IMSE Datasheet HTML 5Page - Linear Technology LTC3601IMSE Datasheet HTML 6Page - Linear Technology LTC3601IMSE Datasheet HTML 7Page - Linear Technology LTC3601IMSE Datasheet HTML 8Page - Linear Technology LTC3601IMSE Datasheet HTML 9Page - Linear Technology LTC3601IMSE Datasheet HTML 10Page - Linear Technology LTC3601IMSE Datasheet HTML 11Page - Linear Technology LTC3601IMSE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3601
8
3601f
FUNCTIONAL BLOCK DIAGRAM QFN Package
VIN
VIN
15k
Q6
RUN
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BG
ON
Q1
Q2
0.48V
1.25V
RUN
EA
INTERNAL
SOFT-START
SS
Q4
TRACK
CSS
3605 BD
SGND
R2
R1
RUN
PGND
PGOOD
INTVCC
FB
SW
TG
VIN
CIN
BOOST
SENSE+
SENSE–
–
+
–
+
OV
0.648V
–
+
0.3V
FOLDBACK
FOLDBACK
DISABLED
AT START-UP
UV
0.552V
6V
0.72V
180k
VON
VON
INTVCC
M2
M1
L1
COUT
INTVCC
ITH
RC
CC1
CVCC
CBOOST
–
+
–
+
1.4μA
ITHB
ICMP
IREV
3.3V
REG
ION
CONTROLLER
OSC
PLL-SYNC
OSC
R
0.6V
REF
SQ
ION
MODE/SYNC
RRT
RT
tON =
VVON
IION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com