Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3601IMSE Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 13Page - Linear Technology LTC3601IMSE Datasheet HTML 14Page - Linear Technology LTC3601IMSE Datasheet HTML 15Page - Linear Technology LTC3601IMSE Datasheet HTML 16Page - Linear Technology LTC3601IMSE Datasheet HTML 17Page - Linear Technology LTC3601IMSE Datasheet HTML 18Page - Linear Technology LTC3601IMSE Datasheet HTML 19Page - Linear Technology LTC3601IMSE Datasheet HTML 20Page - Linear Technology LTC3601IMSE Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC3601
17
3601f
From the previous section, IGATECHG is ~4mA when f =
4MHz, and the spec table lists the typical IQ to be 1mA.
Therefore, the total power dissipation due to resistive
losses and LDO losses is:
PD = IOUT2 • RSW + VIN • (IGATECHG + IQ)
PD = (1.5)2 • (0.105) + 12V • 5mA = 296mW
The QFN 3mm ×3mmpackagejunction-to-ambientthermal
resistance, θJA, is around 45°C/W. Therefore, the junction
temperature of the regulator operating in a 70°C ambient
temperature is approximately:
TJ = 0.296 • 45 + 70 = 83.3°C
which is well below the specified maximum junction
temperature of 125°C.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3601.
1. Do the capacitors CIN connect to VIN and PGND as close
to the pins as possible? These capacitors provide the AC
current to the internal power MOSFETs and drivers. The
(–) plate of CIN should be closely connected to PGND
and the (–) plate of COUT.
2. The output capacitor, COUT, and inductor L1 should
be closely connected to minimize loss. The (–) plate
of COUT should be closely connected to PGND and the
(–) plate of CIN.
3. The resistive divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground line termi-
nated near SGND. The feedback signal, VFB, should be
routed away from noisy components and traces such as
the SW line, and its trace length should be minimized.
In addition, RT and the loop compensation components
should be terminated to SGND.
4. Keep sensitive components away from the SW pin. The
RRT resistor, the feedback resistors, the compensation
components, and the INTVCCbypasscapacitorshouldall
be routed away from the SW trace and the inductor.
5. A ground plane is preferred, but if not available the
signal and power grounds should be segregated with
both connecting to a common, low noise reference
point. The point at which the ground terminals of the
VIN and VOUT bypass capacitors are connected makes a
good, low noise reference point. The connection to the
PGND pin should be made with a minimal resistance
trace from the reference point.
6. Flood all unused areas on all layers with copper in order
to reduce the temperature rise of power components.
These copper areas should be connected to the exposed
backside connection of the IC.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com