Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3601IMSE Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 8Page - Linear Technology LTC3601IMSE Datasheet HTML 9Page - Linear Technology LTC3601IMSE Datasheet HTML 10Page - Linear Technology LTC3601IMSE Datasheet HTML 11Page - Linear Technology LTC3601IMSE Datasheet HTML 12Page - Linear Technology LTC3601IMSE Datasheet HTML 13Page - Linear Technology LTC3601IMSE Datasheet HTML 14Page - Linear Technology LTC3601IMSE Datasheet HTML 15Page - Linear Technology LTC3601IMSE Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC3601
12
3601f
APPLICATIONS INFORMATION
highest capacitance density, but it is important to only
use types that have been surge tested for use in switching
power supplies. Aluminum electrolytic capacitors have
significantly higher ESR but can be used in cost-sensitive
applications provided that consideration is given to ripple
current ratings and long-term reliability. Ceramic capacitors
have excellent low ESR characteristics and small footprints.
Their relatively low value of bulk capacitance may require
multiple capacitors in parallel.
Using Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now
available in small case sizes. Their high voltage rating
and low ESR make them ideal for switching regulator
applications. However, due to the self-resonant and high-Q
characteristics of some types of ceramic capacitors, care
must be taken when these capacitors are used at the input
and output. When a ceramic capacitor is used at the input,
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
VIN input. At best, this ringing can couple to the output and
be mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause a
voltage spike at VIN large enough to damage the part. For
a more detailed discussion, refer to Application Note 88.
When choosing the input and output ceramic capacitors
choose the X5R or X7R dielectric formulations. These
dielectrics provide the best temperature and voltage
characteristics for a given value and size.
INTVCC Regulator Bypass Capacitor
An internal low dropout (LDO) regulator produces a
3.3V supply voltage used to power much of the internal
LTC3601 circuitry including the power MOSFET gate
drivers. The INTVCC pin connects to the output of this
regulator and must have a minimum of 1μF of decoupling
capacitance to ground. The decoupling capacitor should
have low impedance electrical connections to the INTVCC
and PGND pins to provide the transient currents required
by the LTC3601. The user may connect a maximum load
current of 5mA to this pin but must take into account the
increased power dissipation and die temperature that
results. Furthermore, this supply is intended only to supply
additional DC load currents as desired and not intended
to regulate large transient or AC behavior this may impact
LTC3601 operation.
Boost Capacitor
The boost capacitor, CBOOST, is used to create a voltage rail
above the applied input voltage VIN. Specifically, the boost
capacitor is charged to a voltage equal to approximately
INTVCC each time the bottom power MOSFET is turned
on. The charge on this capacitor is then used to supply
the required transient current during the remainder of the
switching cycle. When the top MOSFET is turned on, the
BOOST pin voltage will be equal to approximately VIN +
3.3V. For most applications a 0.1μF ceramic capacitor will
provide adequate performance.
Output Voltage Programming
The LTC3601 will adjust the output voltage such that VFB
equals the reference voltage of 0.6V according to:
VOUT = 0.6V 1+
R1
R2
The desired output voltage is set by appropriate selection of
resistors R1 and R2 as shown in Figure 2. Choosing large
values for R1 and R2 will result in improved efficiency but
may lead to undesirable noise coupling or phase margin
reduction due to stray capacitances at the FB node. Care
should be taken to route the FB line away from any noise
source, such as the SW line.
To improve the frequency response of the main control
loop a feedforward capacitor, CF, may be used as shown
in Figure 2.
FB
R1
R2
CF
3601 F02
VOUT
SGND
LTC3601
Figure 2. Optional Feedforward Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com