Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3601IMSE Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 15Page - Linear Technology LTC3601IMSE Datasheet HTML 16Page - Linear Technology LTC3601IMSE Datasheet HTML 17Page - Linear Technology LTC3601IMSE Datasheet HTML 18Page - Linear Technology LTC3601IMSE Datasheet HTML 19Page - Linear Technology LTC3601IMSE Datasheet HTML 20Page - Linear Technology LTC3601IMSE Datasheet HTML 21Page - Linear Technology LTC3601IMSE Datasheet HTML 22Page - Linear Technology LTC3601IMSE Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC3601
19
3601f
Design Example
As a design example, consider using the LTC3601 in an
application with the following specifications:
VIN = 12V, VOUT = 1.8V, IOUT(MAX) = 1.5A, IOUT(MIN) =
10mA, f = 1MHz
Because efficiency is important at both high and low load
currents, Burst Mode operation is selected.
First, the correct RRT resistor value for 1MHz switching
frequency must be chosen. Based on the equation dis-
cussed earlier, RRT should be 324k.
Next, determine the inductor value for approximately 40%
ripple current using:
L =
1.8V
1MHz •600mA
1– 1.8V
12V
=
2.55μH
A standard value 2.2μH inductor will work well for this
application.
Next, COUT is selected based on the required output
transient performance and the required ESR to satisfy
the output voltage ripple. For this design, a 22μF ceramic
capacitor will be used.
CIN should be sized for a maximum current rating of:
IRMS = 1.5A
1.8V 12V – 1.8V
(
)
12V
=
0.54A
Decoupling the VIN pins with a 22μF ceramic capacitor
should be adequate for most applications. A 0.1μF boost
capacitor should also work for most applications.
To save board space the ITH pin is connected to the INTVCC
pin to select an internal compensation network.
The PGOOD pin is connected to VIN through a 100k
resistor.
Figure 7. 1.8V, 1.5A Regulator at 1MHz
APPLICATIONS INFORMATION
VIN
MODE/SYNC
RUN
INTVCC
PGOOD
ITH
RT
LTC3601
PGND
SGND
BOOST
SW
VON
FB
TRACK
2.2μF
CFWD
10pF
C1
0.1μF
COUT
47μF
VOUT
1.8V
1.5A
R3
80k
R4
40k
100k
324k
CIN: TDK C3225X5R1C226M
COUT: TDK C3225X5R0J476M
L1: VISHAY IHLP2020BZER2R2M01
3601 F05
L1
2.2μH
CIN
22μF
VIN
4V TO 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com