Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3601IMSE Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 14Page - Linear Technology LTC3601IMSE Datasheet HTML 15Page - Linear Technology LTC3601IMSE Datasheet HTML 16Page - Linear Technology LTC3601IMSE Datasheet HTML 17Page - Linear Technology LTC3601IMSE Datasheet HTML 18Page - Linear Technology LTC3601IMSE Datasheet HTML 19Page - Linear Technology LTC3601IMSE Datasheet HTML 20Page - Linear Technology LTC3601IMSE Datasheet HTML 21Page - Linear Technology LTC3601IMSE Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC3601
18
3601f
APPLICATIONS INFORMATION
16 15 14 13
5
6
7
8
17
9
10
11
12
4
3
2
1
R2
VIA TO
VOUT
VIA TO
PGND
R1
CFWD
VIAS TO
INTVCC
VIAS TO
PGND
CIN
COUT
L1
SW
CBOOST
VIAS
TO PGND
CINTVCC
PGND
VIAS TO
GROUND
PLANE
VIAS TO
GROUND
PLANE
VIA TO R2
VIN
VOUT
3601 F05
SW
L1
CBOOST
COUT
VOUT
PGND
VIN
CIN
R1
3601 F06
R2
CFWD
VIA TO INTVCC
VIA TO VOUT
CINTVCC
PIN 1
17
VIA TO
INTVCC
VIA TO
VOUT
Figure 5. QFN Layout Example
Figure 6. MSE Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com