Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3601IMSE Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 16Page - Linear Technology LTC3601IMSE Datasheet HTML 17Page - Linear Technology LTC3601IMSE Datasheet HTML 18Page - Linear Technology LTC3601IMSE Datasheet HTML 19Page - Linear Technology LTC3601IMSE Datasheet HTML 20Page - Linear Technology LTC3601IMSE Datasheet HTML 21Page - Linear Technology LTC3601IMSE Datasheet HTML 22Page - Linear Technology LTC3601IMSE Datasheet HTML 23Page - Linear Technology LTC3601IMSE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC3601
24
3601f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0709 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3412A
5.5V, 3A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA,
ISD < 1μA, TSSOP16E, 4mm × 4mm QFN16
LTC3413
5.5V, 3A (IOUT Sink/Source), 2MHz, Monolithic Synchronous
Regulator for DDR/QDR Memory Termination
90% Efficiency, VIN: 2.25V to 5.5V, VREF/2, IQ = 280μA,
ISD < 1μA, TSSOP16E
LTC3414/
LTC3416
5.5V, 4A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converters 95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 64μA,
ISD < 1μA, TSSOP20E
LTC3415
5.5V, 7A (IOUT), 1.5MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 450μA,
ISD < 1μA, 5mm × 7mm QFN38
LTC3418
5.5V, 8A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 380μA,
ISD < 1μA, 5mm × 7mm QFN38
LTC3602
10V, 2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4.5V to 10V, VOUT(MIN) = 0.6V, IQ = 75μA,
ISD < 1μA, 4mm × 4mm QFN20, TSSOP16E
LTC3603
15V, 2.5A (IOUT), 3MHz, Synchronous Step-Down DC/DC Converter 95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 75μA,
ISD < 1μA, 4mm × 4mm QFN20
LTC3605
15V, 5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 4.5V to 15V, VOUT(MIN) = 0.6V, IQ = 2mA,
ISD < 15μA, 4mm × 4mm QFN24
LTC3610
24V, 12A (IOUT), 1MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 4V to 24V, VOUT(MIN) = 0.6V, IQ = 900μA,
ISD < 15μA, 9mm × 9mm QFN64
LTC3611
32V, 10A (IOUT), 1MHz, Synchronous Step-Down DC/DC Converter
95% Efficiency, VIN: 4V to 32V, VOUT(MIN) = 0.6V, IQ = 900μA,
ISD < 15μA, 9mm × 9mm QFN64
TYPICAL APPLICATION
1.2V Output at 2MHz Operating Frequency
VIN
RUN
PGOOD
TRACK
LTC3601
PGND
SGND
INTVCC
ITH
RT
MODE/SYNC
BOOST
SW
VON
FB
0.1μF
COUT
47μF
VOUT
1.2V
1.5A
R1
20k
CFF
10pF
R2
20k
3601 TA04
L1
1μH
C2
2.2μF
C1
22μF
VIN
12V
CIN: TDK C3225X5R1C226M
COUT: TDK C3225X5R0J476M
L1: VISHAY IHLP2020BZER1R0M01
Efficiency vs Load Current
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
3601 TA04b
30
20
10
0
90
100
VIN = 8V
VIN = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com