Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012-1 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 9Page - Linear Technology LTC4012-1 Datasheet HTML 10Page - Linear Technology LTC4012-1 Datasheet HTML 11Page - Linear Technology LTC4012-1 Datasheet HTML 12Page - Linear Technology LTC4012-1 Datasheet HTML 13Page - Linear Technology LTC4012-1 Datasheet HTML 14Page - Linear Technology LTC4012-1 Datasheet HTML 15Page - Linear Technology LTC4012-1 Datasheet HTML 16Page - Linear Technology LTC4012-1 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
4012f
LTC4012/
LTC4012-1/LTC4012-2
the end of soft-start will depend on which loop (current,
voltage or adapter limit) is in control of the PWM. If this
current is below that required by the ITH start-up threshold,
the resulting charge current transient duration depends on
loop compensation but is typically less than 100μs.
Bulk Charge
When soft-start is complete, the LTC4012 begins sourcing
the current programmed by the external components
connected to CSP, CSN and PROG. Some batteries may
require a small conditioning trickle current if they are heavily
discharged. As shown in the Applications Information
section, the LT4012 can address this need through a variety
of low current circuit techniques on the PROG pin. Once
a suitable cell voltage has been reached, charge current
can be switched to a higher, bulk charge value.
End of Charge and CHRG Output
As the battery approaches the programmed output voltage,
charge current will begin to decrease. The open-drain
CHRG output can indicate when the current drops to
10% of its programmed full-scale value by turning off
the strong pull-down (open-drain FET) and turning on a
weak 25μA pull-down current. This weak pull-down state
is latched until the part enters shutdown or the sensed
current rises to roughly C/6. C/10 indication will not be set
if charge current has been reduced due to adapter input
current limiting. As the charge current approaches 0A, the
PWM continues to operate in full continuous mode. This
avoids generation of audible noise, allowing bulk ceramic
capacitors to be used in the application.
Charge Current Monitoring
When the LTC4012 is charging, the voltage on the PROG pin
varies in direct proportion to the charge current. Referring
to Figure 1, the nominal PROG voltage is given by
V
IR
R
R
μA R
PROG
CHRG
SENSE
PROG
IN
PROG
=+
••
.•
11 67
Voltage tolerance on PROG is limited by the charge
current accuracy specified in the Electrical Characteristics
table. Refer to the Applications Information section on
programming charge current for additional details.
OPERATION
Figure 1. PWM Circuit Diagram
–
+
EA
CA
–
+
CC
19
2
11
PWM
LOGIC
OSCILLATOR
WATCHDOG
TIMER
LOOP
COMPENSATION
TGATE
SYSTEM
POWER
L1
RIN
+
–
16
BGATE
15
CSP
14
CSN
13
PROG
9
VFB
12
ITH
RPROG
R1
FROM ICL
1.2085V
RSENSE
VSENSE
ICHRG
4012 F01
CPROG
Q
S
CLOCK
LTC4012
CLP
BAT
RD
RIN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com