Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC4012-1 Datasheet HTML 1Page - Linear Technology LTC4012-1 Datasheet HTML 2Page - Linear Technology LTC4012-1 Datasheet HTML 3Page - Linear Technology LTC4012-1 Datasheet HTML 4Page - Linear Technology LTC4012-1 Datasheet HTML 5Page - Linear Technology LTC4012-1 Datasheet HTML 6Page - Linear Technology LTC4012-1 Datasheet HTML 7Page - Linear Technology LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
4012f
LTC4012/
LTC4012-1/LTC4012-2
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charge Voltage Regulation
VTOL
VBAT Accuracy (See Test Circuits)
LTC4012
l
–0.5
–0.8
0.5
0.8
%
%
LTC4012-1/LTC4012-2
l
–0.6
–0.8
0.6
0.8
%
%
IVFB
VFB Input Bias Current
VFB = 1.2V
±20
nA
RON
FBDIV On Resistance
ILOAD = 100μA
l
85
190
Ω
ILEAK-FBDIV FBDIV Output Leakage Current
SHDN = 0V, FBDIV = 0V
l
–1
0
1
μA
VBOV
VFB Overvoltage Threshold
LTC4012
l
1.235
1.281
1.32
V
BAT Overvoltage Threshold
LTC4012-1/LTC4012-2, Relative to
Selected Output Voltage
l
103
106
109
%
Charge Current Regulation
ITOL
Charge Current Accuracy with RIN = 3.01k,
6V < BAT < 18V (LTC4012)
6V < BAT < 15V (LTC4012-1, LTC4012-2)
RPROG = 26.7k
l
–4
–5
4
5
%
%
VSENSE = 0mV, PROG = 1.2V
–12.75
–11.67
–10.95
μA
AI
Current Sense Amplifier Gain (PROG ΔI) with
RIN = 3.01k, 6V < BAT < 18V (LTC4012)
6V < BAT < 15V (LTC4012-1, LTC4012-2)
VSENSE Step from 0mV to 5mV,
PROG = 1.2V
–1.78
–1.66
–1.54
μA
VCS-MAX
Maximum Peak Current Sense Threshold Voltage
per Cycle (RIN = 3.01k)
ITH = 2V
ITH = 5V
l
l
140
195
325
250
430
mV
mV
VC10
C/10 Indicator Threshold Voltage
PROG Falling
340
400
460
mV
VREV
Reverse Current Threshold Voltage
PROG Falling
180
253
295
mV
Input Current Regulation
VCL
Current Limit Threshold
CLP – CLN
l
97
96
100
100
103
104
mV
mV
ICLN
CLN Input Bias Current
CLN = CLP
±100
nA
VICL
ICL Indicator Threshold
(CLP – CLN) – VCL
–8
–5
–2
mV
CLP Supply
OVR
Operating Voltage Range
6
28
V
VUVLO
CLP Undervoltage Lockout Threshold
CLP Increasing
l
4.65
4.85
5.25
V
VUV(HYST)
UVLO Threshold Hysteresis
200
mV
ICLPO
CLP Operating Current
CLP = 20V, No Gate Loads
2
3
mA
Shutdown
VACP
AC Present Threshold Voltage
DCIN – BAT, DCIN Rising
l
350
500
650
mV
VACP(HYST) ACP Threshold Hysteresis Voltage
200
mV
VIL
SHDN Input Voltage Low
l
300
mV
VIH
SHDN Input Voltage High
l
1.4
V
RIN
SHDN Pull-Down Resistance
40
k
Ω
ICLPS
CLP Shutdown Current
CLP = 12V, DCIN = 0V
SHDN = 0V
l
15
350
25
500
μA
μA
ILEAK-BAT
BAT Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ CSP = CSN = BAT ≤ 18V
l
–1
0
1
μA
ILEAK-CSN
CSN Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1
0
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com