Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012-1 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 20Page - Linear Technology LTC4012-1 Datasheet HTML 21Page - Linear Technology LTC4012-1 Datasheet HTML 22Page - Linear Technology LTC4012-1 Datasheet HTML 23Page - Linear Technology LTC4012-1 Datasheet HTML 24Page - Linear Technology LTC4012-1 Datasheet HTML 25Page - Linear Technology LTC4012-1 Datasheet HTML 26Page - Linear Technology LTC4012-1 Datasheet HTML 27Page - Linear Technology LTC4012-1 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
28
4012f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0509 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1760
Smart Battery System Manager
Autonomous Power Management and Battery Charging for Two Smart
Batteries, SMBus Rev 1.1 Compliant
LTC1769
2A Switching Battery Charger
Constant-Current/Constant-Voltage Switching Regulator, Input Current
Limiting Maximizes Charge Current
LTC1960
Dual Battery Charger/Selector with SPI
11-bit V-DAC, 0.8% Voltage Accuracy, 10-Bit I-DAC, 5% Current
Accuracy
LTC4006
Small, High Efficiency, Fixed Voltage, Lithium-Ion
Battery Chargers with Termination
Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current
Limit and Thermistor Sensor, 16-pin SSOP Package
LTC4007
High Efficiency, Programmable Voltage, Lithium-Ion
Battery Charger with Termination
Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current
Limit, Thermistor Sensor and Indicator Outputs
LTC4008/LTC4008-1
High Efficiency, Programmable Voltage/Current Battery
Chargers
Constant-Current/Constant-Voltage Switching Regulator, Resistor
Voltage/Current Programming, Thermistor Sensor and Indicator
Outputs, AC Adapter Current Limit (Omitted on 4008-1)
LTC4009/LTC4009-1
LTC4009-2
High Efficiency, Multichemistry Battery Charger
Constant-Current/Constant-Voltage Switching Regulator in a 20-Lead
QFN Package, AC Adapter Current Limit, Indicator Outputs
LTC4010
High Efficiency Standalone Nickel Battery Charger
Complete NiMH/NiCd Charger in a Small 16-Lead Package, Constant-
Current Switching Regulator
LTC4011
High Efficiency Standalone Nickel Battery Charger
Complete NiMH/NiCd Charger in a Small 20-Lead Package, Constant-
Current Switching Regulator, PowerPath Control and Indicators
LTC4060
Standalone Linear NiMH/NiCd Fast Charger
Complete NiMH/NiCd Charger in a Small 16-Pin Package, No Sense
Resistor or Blocking Diode Required
LTC4100
Smart Battery Charger Controller
Level 2 Charger Operates with or without MCU Host, SMBus Rev 1.1
Compliant
LTC4110
Battery Backup Manager
Multi-Chemistry and Smart Battery Charge and Discharge Manager. Four
Operating Modes: Battery Backup, Battery Charge, Battery Calibration,
Shutdown. 5mm
× 7mm QFN-38 Package
LTC4150
Coulomb Counter/Battery Gas Gauge
High Side Sense of Charge Quantity and Polarity in a 10-Pin MSOP
LTC4411
2.6A Low Loss Idea Diode
No External MOSFET, Automatic Switching Between DC sources, 140mΩ
On Resistance in ThinSOT
TM package
LTC4412/LTC4412HV
Low Loss PowerPath Controllers
Very Low Loss Replacement for Power Supply ORing Diodes Using
Minimal External Complements, Operates up to 28V (36V for HV)
LTC4413
Dual 2.6A, 2.5V to 5.5V Ideal Diodes
Low Loss Replacement for ORing Diodes, 100mΩ On Resistance
LTC4414
36V, Low Loss PowerPath Controller for Large PFETs
Low Loss Replacement for ORing Diodes, Operates up to 36V
LTC4416
Dual Low Loss PowerPath Controllers
Low Loss Replacement for ORing Diodes, Operates up to 36V, Drives
Large PFETs, Programmable, Autonomous Switching
ThinSOT is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com