Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 2Page - Linear Technology LTC4012-1 Datasheet HTML 3Page - Linear Technology LTC4012-1 Datasheet HTML 4Page - Linear Technology LTC4012-1 Datasheet HTML 5Page - Linear Technology LTC4012-1 Datasheet HTML 6Page - Linear Technology LTC4012-1 Datasheet HTML 7Page - Linear Technology LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology LTC4012-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
6
4012f
Battery Load Dump
LOAD
STATE
TIME (1ms/DIV)
CLP = 20V
VOUT = 12.3V
4012 G06
DISCONNECT
RECONNECT
3A
2A
12.1V
1A
1A
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency at DCIN = 20V, BAT = 8V
VFB Line Regulation
CHARGE CURRENT (A)
0
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012 G01
2.5
3
95
POWER LOSS
EFFICIENCY
RSENSE = 33mΩ
RIN = 3.01k
Efficiency at DCIN = 20V, BAT = 12V
CHARGE CURRENT (A)
0
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012 G02
2.5
3
95
EFFICIENCY
POWER LOSS
RSENSE = 33mΩ
RIN = 3.01k
Efficiency at DCIN = 20V, BAT = 16V
CHARGE CURRENT (A)
0
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012 G03
2.5
3
95
EFFICIENCY
POWER LOSS
RSENSE = 33mΩ
RIN = 3.01k
CLP PIN VOLTAGE (V)
5
0.02
0.06
0.10
25
4012 G04
–0.02
–0.06
0
0.04
0.08
–0.04
–0.08
–0.10
10
15
20
30
LTC4012 TEST CIRCUIT
BATTERY VOLTAGE (V)
0
75
100
150
175
200
10
20
25
300
4012 G05
125
515
225
250
275
CLP = BAT + 3V
(CLP ≥ 6V)
FBDIV Pin RON vs Battery Voltage
(TA = 25°C unless otherwise noted. L = IHLP-2525 6.8μH)
Charge Current Accuracy
BATTERY VOLTAGE (V)
0
–6
–4
–3
–2
10
8
20
24
22
2
4012 G07
–5
6
4
214
12
16 18
–1
0
1
DCIN = 12V
RPROG = 26.7k
DCIN = 24V
RPROG = 35.7k
RSENSE = 33mΩ
RIN = 3.01k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com