Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4012-1 Datasheet HTML 1Page - Linear Technology LTC4012-1 Datasheet HTML 2Page - Linear Technology LTC4012-1 Datasheet HTML 3Page - Linear Technology LTC4012-1 Datasheet HTML 4Page - Linear Technology LTC4012-1 Datasheet HTML 5Page - Linear Technology LTC4012-1 Datasheet HTML 6Page - Linear Technology LTC4012-1 Datasheet HTML 7Page - Linear Technology LTC4012-1 Datasheet HTML 8Page - Linear Technology LTC4012-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
4
4012f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILEAK-CSP
CSP Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1
0
1
μA
ILEAK-SW
SW Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ SW ≤ 20V
l
–1
0
2
μA
INTVDD Regulator
INTVDD
Output Voltage
No Load
l
4.85
5
5.15
V
ΔVDD
Load Regulation
IDD = 20mA
–0.4
–1
%
IDD
Short-Circuit Current (Note 5)
INTVDD = 0V
50
85
130
mA
Switching Regulator
IITH
ITH Current
ITH = 1.4V
–40/+90
μA
fTYP
Typical Switching Frequency
467
550
633
kHz
fMIN
Minimum Switching Frequency
CLOAD = 3.3nF
20
25
kHz
DCMAX
Maximum Duty Cycle
CLOAD = 3.3nF
98
99
%
tR-TG
TGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-TG
TGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
50
110
ns
tR-BG
BGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-BG
BGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
60
110
ns
tNO
TGATE, BGATE Non-Overlap Time
CLOAD = 3.3nF, 10% – 10%
110
ns
PowerPath Control
IDCIN
DCIN Input Current
0V ≤ DCIN ≤ CLP
l
–10
60
μA
VFTO
Forward Turn-on Voltage (DCIN Detection Threshold)
DCIN-CLP, DCIN rising
l
15
60
mV
VFR
Forward Regulation Voltage
DCIN-CLP
l
15
25
35
mV
VRTO
Reverse Turn-Off Voltage
DCIN-CLP, DCIN falling
l
–45
–25
–15
mV
VOL(INFET)
INFET Output Low Voltage, Relative to CLP
DCIN-CLP = 0.1V, IINFET =1μA
–6.5
–5
V
VOH(INFET)
INFET Output High Voltage, Relative to CLP
DCIN-CLP = –0.1V, IINFET =–5μA
–250
250
mV
tIF(ON)
INFET Turn-On Time
To CLP-INFET > 3V, CINFET = 1nF
85
180
μs
tIF(OFF)
INFET Turn-Off Time
To CLP-INFET < 1.5V, CINFET = 1nF
2.5
6
μs
Float Voltage Select Inputs (LTC4012-1/LTC4012-2 Only)
VIL
Input Voltage Low
0.5
V
VIH
Input Voltage High
3.5
V
IIN
Input Current
0V ≤ VIN ≤ 5V
–10
10
μA
Indicator Outputs
VOL
Output Voltage Low
ILOAD = 100μA, PROG = 1.2V
500
mV
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4012 is guaranteed to meet performance specifications
over the 0°C to 85°C operating temperature range.
Note 3: Operating junction temperature TJ (in °C) is calculated from
the ambient temperature TA and the total continuous package power
dissipation PD (in watts) by the formula TJ = TA + (θJA • PD). Refer to the
Applications Information section for details.
Note 4: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND, unless otherwise
specified.
Note 5: Output current may be limited by internal power dissipation. Refer
to the Applications Information section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com