Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4012-1 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4012-1
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4012-1 Datasheet HTML 17Page - Linear Technology LTC4012-1 Datasheet HTML 18Page - Linear Technology LTC4012-1 Datasheet HTML 19Page - Linear Technology LTC4012-1 Datasheet HTML 20Page - Linear Technology LTC4012-1 Datasheet HTML 21Page - Linear Technology LTC4012-1 Datasheet HTML 22Page - Linear Technology LTC4012-1 Datasheet HTML 23Page - Linear Technology LTC4012-1 Datasheet HTML 24Page - Linear Technology LTC4012-1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
4012f
LTC4012/
LTC4012-1/LTC4012-2
The output capacitor shown across the battery and ground
must also absorb PWM output ripple current. The general
formula for this capacitor current is:
I
V
V
V
Lf
RMS
BAT
BAT
CLP
PWM
=
⎝⎜
⎠⎟
029
1
1
.•
For example, IRMS = 0.22A with:
VBAT = 12.6V
VCLP = 19V
L1 = 10μH
fPWM = 550kHz
High capacity ceramic capacitors (20μF or more) available
from a variety of manufacturers can be used for input/out-
put capacitors. Other alternatives include OS-CON and
POSCAP capacitors from Sanyo.
Low ESR solid tantalum capacitors have high ripple cur-
rent rating in a relatively small surface mount package,
but exercise caution when using tantalum for input or
output bulk capacitors. High input surge current can be
created when the adapter is hot-plugged to the charger
or when a battery is connected to the charger. Solid tan-
talum capacitors have a known failure mechanism when
subjected to very high surge currents. Select tantalum
capacitors that have high surge current ratings or have
been surge tested.
EMI considerations usually make it desirable to minimize
ripple current in battery leads. Adding Ferrite beads or
inductors can increase battery impedance at the nominal
550KHz switching frequency. Switching ripple current splits
between the battery and the output capacitor in inverse
relation to capacitor ESR and the battery impedance. If
the ESR of the output capacitor is 0.2
Ω and the battery
impedance is raised to 4
Ω with a ferrite bead, only 5%
of the current ripple will flow to the battery.
Inductor Selection
Higher switching frequency generally results in
lower efficiency because of MOSFET gate charge
losses, but it allows smaller inductor and capacitor
values to be used. A primary effect of the inductor
value L1 is the amplitude of ripple current created.
The inductor ripple current ΔIL decreases with
higher inductance and PWM operating frequency:
ΔI
V
V
V
Lf
L
BAT
BAT
CLP
PWM
=
•–
1
1
Accepting larger values of ΔIL allows the use of low in-
ductance, but results in higher output voltage ripple and
greater core losses. Lower charge currents generally call
for larger inductor values.
The LTC4012 limits maximum instantaneous peak inductor
current during every PWM cycle. To avoid unstable switch
waveforms, the ripple current must satisfy:
ΔI
mV
R
I
L
SENSE
MAX
<
2
150
•–
so choose:
L
V
f
mV
R
I
CLP
PWM
SENSE
MAX
1
0 125
150
>
⎝⎜
⎠⎟
.•
•–
A reasonable starting point for setting ripple current
is ΔIL = 0.4 • IMAX. The voltage compliance of internal
LTC4012 circuits also imposes limits on ripple current.
Select RIN (in Figure 1) to avoid average current errors in
high ripple designs. The following equation can be used
for guidance:
RI
μA
R
RI
μA
SENSE
L
IN
SENSE
L
••
ΔΔ
50
20
≤≤
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com