Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 1 Page - Linear Technology

  LTM9002 Datasheet HTML 1Page - Linear Technology LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM9002
1
9002f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
14-Bit Dual-Channel IF/
Baseband Receiver Subsystem
The LTM®9002 is a 14-bit dual-channel IF receiver sub-
system. Utilizing an integrated system in a package (SiP)
technology, it includes a dual high-speed 14-bit A/D con-
verter, matching network, anti-aliasing filter and two low
noise, differential amplifiers. It is designed for digitizing
wide dynamic range signals with an intermediate frequency
(IF) up to 300MHz. The amplifiers allow either AC- or DC-
coupled input drive. Lowpass or bandpass filter networks
can be implemented with various bandwidths. Contact
Linear Technology regarding customization.
The LTM9002 is perfect for demanding communications
applications, with AC performance that includes 66dB SNR
and 76dB spurious free dynamic range (SFDR). Auxiliary
DACs allow gain balancing between channels.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.3V logic.
An optional multiplexer allows both channels to share a
digital output bus. Two single-ended CLK inputs can be
driven together or independently. An optional clock duty
cycle stabilizer allows high performance at full speed for
a wide range of clock duty cycles.
Dual Channel IF Receiver
n Integrated Dual 14-Bit, High-Speed ADC, Passive
Filters and Fixed Gain Differential Amplifiers
n Up to 300MHz IF Range
Lowpass and Bandpass Filter Versions
n Integrated Low Noise, Low Distortion Amplifiers
Fixed Gain: 8dB, 14dB, 20dB or 26dB
50Ω, 200Ω or 400Ω Input Impedance
n Integrated Bypass Capacitance, No External
Components Required
n 66dB SNR Up to 140MHz Input (LTM9002-AA)
n 76dB SFDR Up to 140MHz Input (LTM9002-AA)
n Auxiliary 12-Bit DACs for Gain Adjustment
n Clock Duty Cycle Stabilizer
n Single 3V to 3.3V Supply
n Low Power: 1.3W (665mW/ch.)
n Shutdown and Nap Modes
n 15mm
× 11.25mm LGA Package
n Telecommunications
n Direct Conversion Receivers
n Main and Diversity Receivers
n Cellular Base Stations
OF
GND
LO
VCC = 3V
VDD
DIFFERENTIAL
AMPLIFIERS
MAIN
RF
INA–
INA+
VREF
OVDD
0.5V TO 3.6V
SAW
FILTER
MUX
CLKOUT
ADC CLK
SPI
14-BIT
125Msps ADC
9002 TA01
LO
DIVERSITY
RF
INB–
INB+
OGND
SAW
FILTER
14-BIT
125Msps ADC
DAC
DAC
FREQUENCY (MHz)
9002 TA01b
0
–80
–70
–90
–100
–110
–60
–50
–40
–30
–20
–10
–120
0
5
10
15
20
25
30
64k Point FFT, fIN = 15MHz, –1dBFS,
SENSE = VDD, Channel A (LTM9002-LA)
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTM9002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002 Datasheet
455Kb / 36P
14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9002 LINER-LTM9002 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LTM9002 LINER-LTM9002 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTM9002 LINER-LTM9002 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTM9002 LINER-LTM9002 Datasheet
584Kb / 36P
16-Bit, 20Msps Low Noise Dual ADC
More results

Similar Description - LTM9002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12559 MAXIM-MAX12559 Datasheet
400Kb / 30P
Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
logo
Linear Technology
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
16-Bit IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com