Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 2 Page - Linear Technology

  LTM9002 Datasheet HTML 1Page - Linear Technology LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM9002
2
9002f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................ –0.3V to 3.6V
Supply Voltage (VDD, OVDD)......................... –0.3V to 4V
Digital Output Ground Voltage (OGND) ........ –0.3V to 1V
Input Current (IN+, IN–)........................................±10mA
DAC Digital Input Voltage
(CS/LD, SDI, SCK) ................................... –0.3V to 6V
Digital Input Voltage
(Except AMPSHDN) ................. –0.3V to (VDD + 0.3V)
Digital Input Voltage
(AMPSHDN)..............................–0.3V to (VCC + 0.3V)
Digital Output Voltage ................–0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTM9002C................................................ 0°C to 70°C
LTM9002I............................................. –40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Notes 1, 2)
2
3
4
5
6
7
8
9
10
11
112
A
B
C
D
E
F
G
H
J
LGA PACKAGE
108-LEAD (15mm × 11.25mm × 2.32mm)
VCC
INA+
SENSEB SENSEA
ALL OTHERS = GND
DATA
CONTROL
CLKA CLKB
INA–
INB–
INB+
VDD
OVDD
OGND
OGND
OVDD
TJMAX = 125°C, θJA = 19°C/W, θJCTOP = 16°C/W, θJCBOT = 6°C/W
θJA DERIVED FROM 101.5mm × 114.5mm PCB WITH 4 LAYERS
WEIGHT = 0.935g
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM9002CV-AA#PBF
LTM9002CV-AA#PBF
LTM9002VAA
108-Lead (15mm
× 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9002CV-LA#PBF
LTM9002CV-LA#PBF
LTM9002VLA
108-Lead (15mm
× 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9002IV-AA#PBF
LTM9002IV-AA#PBF
LTM9002VAA
108-Lead (15mm
× 11.25mm × 2.3mm) LGA
–40°C to 85°C
LTM9002IV-LA#PBF
LTM9002IV-LA#PBF
LTM9002VLA
108-Lead (15mm
× 11.25mm × 2.3mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com