Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM9002
23
9002f
APPLICATIONS INFORMATION
Figure 10. CLK Driver Using an LVDS or PECL to CMOS Converter
Figure 11. LVDS or PECL CLK Driver Using a Transformer
It is recommended that CLKA and CLKB are shorted
together and driven by the same clock source. If a small
time delay is desired between when the two channels
sample the analog inputs, CLKA and CLKB can be driven
by two different signals. If this time delay exceeds 1ns,
the performance of the part may degrade. CLKA and CLKB
should not be driven by asynchronous signals.
Figure 10 and Figure 11 show alternatives for converting
a differential clock to the single-ended CLK input. The use
of a transformer provides no incremental contribution
to phase noise. The LVDS or PECL to CMOS translators
provide little degradation below 70MHz, but at 140MHz will
degrade the SNR compared to the transformer solution.
The nature of the received signals also has a large bear-
ing on how much SNR degradation will be experienced.
For high crest factor signals such as WCDMA or OFDM,
where the nominal power level must be at least 6dB to
8dB below full-scale, the use of these translators will have
a lesser impact.
The transformer in the example may be terminated with
the appropriate termination for the signaling in use. The
use of a transformer with a 1:4 impedance ratio may
be desirable in cases where lower voltage differential
signals are considered. The center tap may be bypassed
to ground through a capacitor close to the ADC if the
differential signals originate on a different plane. The
use of a capacitor at the input may result in peaking, and
depending on transmission line length may require a 10Ω
to 20Ω series resistor to act as both a lowpass filter for
high frequency noise that may be induced into the clock
line by neighboring digital signals, as well as a damping
mechanism for reflections.
Maximum and Minimum Conversion Rates
The maximum conversion rate for the LTM9002-AA is
125Msps and the LTM9002-LA is 65Msps. The lower
limit of the sample rate is determined by the droop of the
sample-and-hold circuits. The pipelined architecture of
this ADC relies on storing analog signals on small valued
capacitors. Junction leakage will discharge the capaci-
tors. The specified minimum operating frequency for the
LTM9002 is 1Msps.
CLK
5pF TO
30pF
ETC1-1T
0.1μF
VCM
FERRITE
BEAD
DIFFERENTIAL
CLOCK
INPUT
9002 F11
LTM9002
CLK
100Ω
0.1μF
4.7μF
FERRITE
BEAD
CLEAN
SUPPLY
IF LVDS USE FIN1002 OR FIN1018.
FOR PECL, USE AZ1000ELT21 OR SIMILAR
9002 F10
LTM9002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com