Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM9002
18
9002f
OPERATION
reference adjusts the ADC span proportionately; see
Adjusting the full-scale input range. Powering down the
auxiliary DAC disables the ADC span trim control. When
the auxiliary DAC is powered down, connect SENSE to
VDD or an external reference.
Power-On Reset
The auxiliary DACs clear the outputs to zero-scale when
power is first applied, making system initialization con-
sistent and repeatable.
Transfer Function
The digital-to-analog transfer function is;
VOUT(IDEAL) = ( k/2N ) VREF
where k is the decimal equivalent of the binary DAC input
code, N is the resolution and VREF is 1.5V, the internal
reference voltage of the ADC.
Serial Interface
All serial interface pins (CS/LD, SCK and SDI) have TTL input
levels and are 5V tolerant. The CS/LD input is level trig-
gered. When this input is taken low, it acts as a chip-select
signal, activating the SDI and SCK buffers and enabling the
input shift register. Data (SDI input) is transferred at the
next 24 rising SCK edges. The 4-bit command, C3-C0, is
loaded first; then the 4-bit DAC address, A3-A0; and finally
the 16-bit data word. The data word comprises the 12-bit
input code, ordered MSB-to-LSB, followed by 4 don’t-care
bits. Data can only be transferred to the device when the
CS/LD signal is low. The rising edge of CS/LD ends the
data transfer and causes the device to carry out the action
specified in the 24-bit input word. The complete sequence
is shown in Figure 3.
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 3. The first four commands in the table
consist of write and update operations. A write operation
loads a 16-bit data word from the 32-bit shift register
into the input register of the selected DAC,
n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 12-bit input code, and is
converted to an analog voltage at the DAC output. The
update operation also powers up the selected DAC if it had
been in power-down mode. The data path and registers
are shown in the Block Diagram.
While the minimum input word is 24-bits, it may optionally
be extended to 32-bits to accommodate microprocessors
which have a minimum word width of 16 bits (2 bytes). To
use the 32-bit word width, 8 don’t-care bits are transferred
to the device first, followed by the 24-bit word as just
described. Figure 4 shows the 32-bit sequence.
Power-Down Mode
Either or both DAC channels can be put into power-down
mode by using command 0100b in combination with
the appropriate DAC address,
n. The 16-bit data word is
ignored.
Normal operation can be resumed by executing any com-
mand which includes a DAC update, as shown in Table 3.
The selected DAC is powered up as its voltage output is
updated. If both DACs are powered down, then the main
bias generation circuit block has been automatically shut
down in addition to the individual DAC amplifiers and
reference inputs. In this case, the power-up delay time is
700μs (for VCC = 3V).
Table 3. Auxiliary DAC Commands
COMMAND*
C3
C2
C1
C0
0
0
0
0
Write to Input Register
n
0
0
0
1
Update (Power-Up) DAC Register
n
0
0
1
0
Write to Input Register
n, Update
(Power Up) All
n
0
0
1
1
Write to and Update (Power-Up)
n
0100
Power Down
n
1111
No Operation
ADDRESS (
n)*
A3
A2
A1
A0
0000
DAC A
0001
DAC B
1
1
1
1
All DACs
*Command and address codes not shown are reserved and should not
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com