Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 4 Page - Linear Technology

  LTM9002 Datasheet HTML 1Page - Linear Technology LTM9002 Datasheet HTML 2Page - Linear Technology LTM9002 Datasheet HTML 3Page - Linear Technology LTM9002 Datasheet HTML 4Page - Linear Technology LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM9002
4
9002f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs (CLK, OE, ADCSHDN, MUX, CS/LD, SCK, SDI)
VIH
High Level Input Voltage
VDD = 3V
l
2V
VIL
Low Level Input Voltage
VDD = 3V
l
0.8
V
IIN
Input Current
VIN = 0V to VDD
l
–10
10
μA
CIN
Input Capacitance
(Note 6)
3
pF
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
12
Bits
Monotonicity
l
12
Bits
Full-Scale Range
Internal Reference
1.5
V
Settling Time
±0.024% (±1LSB at 12 Bits),
No External Sense Capacitor
83.5
μs
AUXILIARY DAC CHARACTERISTICS The l indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Not applicable for LTM9002-LA) (Note 3)
DYNAMIC ACCURACY The l indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. Input = –1dBFS. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
70MHz Input (Both Channels), LTM9002-AA
140MHz Input (Both Channels), LTM9002-AA
l
61.5
66
66
dBFS
dBFS
15MHz Input (Channel A), LTM9002-LA
15MHz Input (Channel B), LTM9002-LA
l
l
67.7
68.5
69.9
71.1
dBFS
dBFS
SFDR
Spurious Free Dynamic Range, 2nd or 3rd
Harmonic
70MHz Input (Both Channels), LTM9002-AA
140MHz Input (Both Channels), LTM9002-AA
l
67.5
82
76
dBc
dBc
15MHz Input (Channel A), LTM9002-LA
15MHz Input (Channel B), LTM9002-LA
l
l
75
72.7
86.2
85.5
dBc
dBc
SFDR
Spurious Free Dynamic Range 4th or Higher
70MHz Input (Both Channels), LTM9002-AA
140MHz Input (Both Channels), LTM9002-AA
l
74.2
90
90
dBc
dBc
15MHz Input (Channel A), LTM9002-LA
15MHz Input (Channel B), LTM9002-LA
l
l
78.8
79.8
88.5
90.7
dBc
dBc
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
70MHz Input (Both Channels), LTM9002-AA
140MHz Input (Both Channels), LTM9002-AA
l
60.7
66
66
dBFS
dBFS
15MHz Input (Channel A), LTM9002-LA
15MHz Input (Channel B), LTM9002-LA
l
l
67.1
67.9
69.7
70.8
dBFS
dBFS
IMD3
Third Order Inter-Modulation Distortion;
1MHz Tone Spacing, Two Tones –7dBFS
70MHz Input, LTM9002-AA
140MHz Input, LTM9002-AA
77
73
dBc
dBc
15MHz Input, LTM9002-LA
77
dBc
Crosstalk
140MHz Input, LTM9002-AA
–110
dB
15MHz Input, LTM9002-LA
–110
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com