Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9002 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM9002
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM9002
13
9002f
Pin Configuration (LTM9002-AA)
123456789
10
11
12
J
GND
GND
SENSEB
SENSEA
GND
GND
GND
DA8
DA5
DA6
DA7
OGND
H
INA+
GND
GND
GND
DNC1
GND
OF
DA10
DA12
DA11
DA9
OVDD
G
INA–
GND
GND
DNC5
DNC2
GND
ADC
SHDNA
MODE
OGND
DA13
DA4
DA3
F
GND
GND
CS/LD
SCK
GND
GND
GND
OEA
GND
GND
DA2
DA1
E
AMP
SHDNA
AMP
SHDNB
VCC
VCC
GND
GND
VDD
VDD
GND
GND
DA0
CLKOUT
D
GND
GND
GND
SDI
GND
GND
GND
OEB
GND
GND
DB13
DB12
C
INB–
GND
GND
DNC6
DNC3
GND
ADC
SHDNB
MUX
OGND
DB1
DB11
DB10
B
INB+
GND
GND
GND
DNC4
GND
DB0
DB4
DB2
DB3
DB5
OVDD
A
GND
GND
CLKA
CLKB
GND
GND
GND
DB6
DB9
DB8
DB7
OGND
PIN FUNCTIONS
Pin Configuration (LTM9002-LA)
123456789
10
11
12
J
GND
GND
SENSEB
SENSEA
GND
GND
GND
DA6
DA3
DA4
DA5
OGND
H
INA+
GND
GND
GND
DNC1
GND
OFA
DA8
DA10
DA9
DA7
OVDD
G
INA–
GND
GND
DNC5
DNC2
GND
ADC
SHDNA
MODE
OGND
DA11
DA2
DA1
F
GND
GND
NC
NC
GND
GND
GND
OEA
GND
GND
DA0
NC
E
AMP
SHDNA
AMP
SHDNB
VCC
VCC
GND
GND
VDD
VDD
GND
GND
NC
OFB
D
GND
GND
GND
NC
GND
GND
GND
OEB
GND
GND
DB11
DB10
C
INB–
GND
GND
DNC6
DNC3
GND
ADC
SHDNB
MUX
OGND
NC
DB9
DB8
B
INB+
GND
GND
GND
DNC4
GND
NC
DB2
DB0
DB1
DB3
OVDD
A
GND
GND
CLKA
CLKB
GND
GND
GND
DB4
DB7
DB6
DB5
OGND
Digital Outputs
CLKOUT (Pin E12, LTM9002-AA): ADC Data Ready Clock
Output. Latch data on the falling edge of CLKOUT. CLKOUT
is derived from CLKB. Tie CLKA to CLKB for simultaneous
operation.
OFB (Pin E12, LTM9002-LA): Overflow/Underflow Output.
High when an overflow or underflow has occurred on
channel B.
DA0 – DA13 (Refer to Pin Configuration Table): Channel A
ADC Digital Outputs. DA13 is the MSB for LTM9002-AA;
DA11 is the MSB for LTM9002-LA.
DB0 – DB13 (Refer to Pin Configuration Table): Channel B
ADC Digital Outputs. DB13 is the MSB for LTM9002-AA;
DB11 is the MSB for LTM9002-LA.
OF (Pin H7, LTM9002-AA): Overflow/Underflow Output.
High when an overflow or underflow has occurred on
either channel A or channel B.
OFA (Pin H7, LTM9002-LA): Overflow/Underflow Output.
High when an overflow or underflow has occurred on
channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com