Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW276 Datasheet(PDF) 9 Page - Extech Instruments Corporation.

Part # SW276
Description  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 Datasheet(HTML) 9 Page - Extech Instruments Corporation.

Back Button SW276 Datasheet HTML 5Page - Extech Instruments Corporation. SW276 Datasheet HTML 6Page - Extech Instruments Corporation. SW276 Datasheet HTML 7Page - Extech Instruments Corporation. SW276 Datasheet HTML 8Page - Extech Instruments Corporation. SW276 Datasheet HTML 9Page - Extech Instruments Corporation. SW276 Datasheet HTML 10Page - Extech Instruments Corporation. SW276 Datasheet HTML 11Page - Extech Instruments Corporation. SW276 Datasheet HTML 12Page - Extech Instruments Corporation. SW276 Datasheet HTML 13Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
V7.1 1/08
9
Datalogger Settings
Press LOGGER to access the menu page
Sample Rate Setup
Number of Data Points
Select the desired number of data samples to log: 1000 / 2000 / 4000/ 8000 / 12000 /
16000. Scroll up or down to located the value and then click OK to save.
For example, to select 1,000 samples, the logger will stop logging (and will power off) when
1000 data points have been collected. Datalogging ceases when the datalogger is full. The
yellow LED will stop flashing when datalogging ceases.
Sample Rate
Select the sampling rate in seconds (1 second to 12 hours). Scroll up to increase the time
or down to decrease the time in seconds. The defaults sample rate is 2 seconds.
Start Modes
Scheduled Start
Scheduled Start sets the desired datalogging Start Date and Start Time. The datalogger
will start when the clock reaches the user programmed time and date. Ensure that the
datalogger is set to the current date and time.
Magnetic Start
Connect the datalogger to the PC to begin configuring the Magnetic start mode. Select
Magnetic and ensure that the datalogger is set to the current date and time. Enter the
desired ID (if any) and then press "OK" to confirm the Magnetic start setting. To start
datalogging in Magnetic mode, pass a strongly magnetized object by the bottom of the
datalogger. The LED will start flashing. Flashing rate depends on the sampling rate
programmed.
Immediate Start
The datalogger starts recording when the “OK” button is pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com