Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW276 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # SW276
Description  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button SW276 Datasheet HTML 6Page - Extech Instruments Corporation. SW276 Datasheet HTML 7Page - Extech Instruments Corporation. SW276 Datasheet HTML 8Page - Extech Instruments Corporation. SW276 Datasheet HTML 9Page - Extech Instruments Corporation. SW276 Datasheet HTML 10Page - Extech Instruments Corporation. SW276 Datasheet HTML 11Page - Extech Instruments Corporation. SW276 Datasheet HTML 12Page - Extech Instruments Corporation. SW276 Datasheet HTML 13Page - Extech Instruments Corporation. SW276 Datasheet HTML 14Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
V7.1 1/08
10
Start Mode Setup
Datalogger Clock Setting
Click OK to set logger to PC system time.
Alarm Setting
The default High Alarm temperature is 85 C
The default Low Alarm temperature is -40 C
The default High Alarm for Relative Humidity is 100%
The default Low Alarm Relative Humidity is 0%
Select the desired High value or Low value by scrolling up or down.
The ALM LED flashes:
a. If the measured Temperature is higher than the HI
Alarm setting or lower than the LO Alarm setting.
b. Every second while the data is transferring to the PC.
c. Once every datalogging interval. For example, if the
sampling rate is set to 3 seconds, the ALM LED will flash
every 3 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com