Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW276 Datasheet(PDF) 21 Page - Extech Instruments Corporation.

Part # SW276
Description  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 Datasheet(HTML) 21 Page - Extech Instruments Corporation.

Back Button SW276 Datasheet HTML 14Page - Extech Instruments Corporation. SW276 Datasheet HTML 15Page - Extech Instruments Corporation. SW276 Datasheet HTML 16Page - Extech Instruments Corporation. SW276 Datasheet HTML 17Page - Extech Instruments Corporation. SW276 Datasheet HTML 18Page - Extech Instruments Corporation. SW276 Datasheet HTML 19Page - Extech Instruments Corporation. SW276 Datasheet HTML 20Page - Extech Instruments Corporation. SW276 Datasheet HTML 21Page - Extech Instruments Corporation. SW276 Datasheet HTML 22Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
V7.1 1/08
21
Battery Replacement
Follow these steps to remove and replace the battery:
1. Remove the four (4) rear Phillips-head screws
2. Ensure that the o-ring remains in its groove.
3. Remove the expired battery.
4. Insert a new battery (CR2) ensuring correct polarity.
5. Fasten the four rear screws.
Specifications
Display
3-digit multi-function LCD
Front panel status LEDs
Two (2): RECORD and ALARM
Temperature range
-40 to 185
oF (-40 to 85oC)
Temperature resolution
0.1
o up to 99.9o; 1o from 100o to 185o
Temperature accuracy
±1.2
oF (0.6oC) from -4 to 122oF (-20 to 50oC)
±2.4
oF (1.2oC) all other ranges
Humidity range & accuracy 0.0 to 99.9% Relative Humidity; Accuracy: ± 3%
Datalogger storage
16,000 temperature readings (8,000 temperature and 8,000
humidity readings on the 42270)
Sampling rate
Programmable from 1 second to 12hours
Power supply
One 3.6V ½ ‘AA’ lithium battery
Battery Life
1 year: 5 second sample rate in sleep mode
3.8 months: 24 hour sample rate in non-sleep mode
Low battery indicator
Display shows ‘LO’
Cable length
60’’ (150cm)
Operating Temperature
32 to 104
oF (0 to 40oC) (docking station)
Operating Humidity
10 to 80% RH (docking station)
Dimensions
4.9 x 3.6" (124 x 92mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com