Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW276 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # SW276
Description  Temperature Datalogger Kit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

SW276 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  SW276 Datasheet HTML 1Page - Extech Instruments Corporation. SW276 Datasheet HTML 2Page - Extech Instruments Corporation. SW276 Datasheet HTML 3Page - Extech Instruments Corporation. SW276 Datasheet HTML 4Page - Extech Instruments Corporation. SW276 Datasheet HTML 5Page - Extech Instruments Corporation. SW276 Datasheet HTML 6Page - Extech Instruments Corporation. SW276 Datasheet HTML 7Page - Extech Instruments Corporation. SW276 Datasheet HTML 8Page - Extech Instruments Corporation. SW276 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
V7.1 1/08
3
REC HI LOW COMM
RH%
°C
°F
Description
1.
LCD display
2.
Mounting hole
3.
Docking station
4.
Interface Cable
5.
Status LEDs
6.
Software CD
Displays
LCD Display
REC: Displayed while logging readings. Read the ‘Recording
Status’ section for further details.
HI and LOW: Displayed when the High or Low Alarm limit is
exceeded. See ‘Alarm Status’ below for further information.
RH%: Relative Humidity (42270 and 42275 only)
C or F: Temperature units.
COMM: Appears when Datalogger is communicating with a PC.
Recording Status Indication
Both the RED status LED and the display indicator ‘REC’ will flash every 5 seconds if the
sampling rate is set to 5 seconds or higher. If the sampling rate is set lower than 5
seconds, the indicators will flash every 1, 2, 3, or 4 seconds as programmed.
ALARM Status Indication
Both the YELLOW status LED and the display indicator ‘ALM’ will flash when the recorded
value is higher than the user programmed High Alarm value or lower than the Low Alarm
value. The Alarm status LED and the ‘ALM’ display indicator flash every 5 seconds if the
sampling rate is programmed for 5 seconds or higher. If the sampling rate is set lower than
5 seconds, the indicators will flash every 1, 2, 3, or 4 seconds as programmed.
Low Battery Indication
When the lithium battery’s voltage nears the critical operating level the LCD displays ‘LO’.
To replace the battery, refer to the Battery Replacement section of this manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com